Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST662ACN Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST662ACN
Description  DC-DC converter from 5V to 12V, 0.03A for flash memory programming supply
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST662ACN Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST662ACN Datasheet HTML 7Page - STMicroelectronics ST662ACN Datasheet HTML 8Page - STMicroelectronics ST662ACN Datasheet HTML 9Page - STMicroelectronics ST662ACN Datasheet HTML 10Page - STMicroelectronics ST662ACN Datasheet HTML 11Page - STMicroelectronics ST662ACN Datasheet HTML 12Page - STMicroelectronics ST662ACN Datasheet HTML 13Page - STMicroelectronics ST662ACN Datasheet HTML 14Page - STMicroelectronics ST662ACN Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ST662AB - ST662AC
Application circuit
11/20
7
Application circuit
Based on fast charge/discharge of capacitors, this circuit involves high di/dt values limited
only by RON of switches. This implies a critical layout design due to the need to minimize
inductive paths and place capacitors as close as possible to the device.
A good layout design is strongly recommended for noise reason. For best performance, use
very short connections to the capacitors and the values shown in Table 6.
C3 and C4 must have low ESR in order to minimize the output ripple. Their values can be
reduced to 2µF and 1µF, respectively, when using ceramic capacitors, but must be of 10µF
or larger if aluminium electrolytic are chosen.
C5 must be placed as close to the device as possible and could be omitted if very low output
noise performance are not required.
Figure 15. and Figure 16. show, respectively, our EVALUATION kit layout and the relatively.
Figure 15.
KIT Lay-out
Figure 16.
Electrical schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com