Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P992G1 Datasheet(PDF) 4 Page - Anderson Power Products, Inc.

Part # P992G1
Description  SB® Environmental Boots
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

P992G1 Datasheet(HTML) 4 Page - Anderson Power Products, Inc.

  P992G1 Datasheet HTML 1Page - Anderson Power Products, Inc. P992G1 Datasheet HTML 2Page - Anderson Power Products, Inc. P992G1 Datasheet HTML 3Page - Anderson Power Products, Inc. P992G1 Datasheet HTML 4Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
For More Information About SB® Connectors, SB® Dust Covers
and Other SB® Accessories, See Our Powerpole® & Multipole
Catalog or Visit www.andersonpower.com
For Information About IP68 Environmentally Sealed
Connectors, Please Visit
www.andersonpower.com/products/spec-pack-connectors
Tooling
APP® crimp tooling is required for UL & CSA connector compliance. Using unapproved crimp tools will void the connector’s warranty. For crimp tool information, see the
Powerpole/Multipole catalog or visit www.andersonpower.com
Mounting
Environmental boots can be mounted using such items as a hose clamp, hanger strap and cable tie, which are readily available at industrial supply companies, hardware
store and/or automotive parts stores. Mounting methods should be thoroughly evaluated for the end use application.
SB® 175 Environmental Boots
SB® Environmental Boots provide water, dirt, chemical and UV protection for SB®175
connectors. The durable boots shield the connectors from water and dirt to IP64 in
both the mated and unmated condition.
Description
------- Part Numbers -------
Minimum Quantity ................................................................
200
25
SB®175 Environmental Boot with Cover, Source
3-6036P1-BK
3-6036P1
SB®175 Environmental Boot with Cover, Load
3-6037P1-BK
3-6037P1
SB®175 Standard Housings
The second to largest SB® housings work with wire contacts up to
1/0 AWG [50 mm²]. Genderless design mates with itself. Mechanical
keys are color coded.
Description
---- Part Numbers ----
Minimum Quantity ...
200
50
Yellow
943-BK
943
Orange
942-BK
942
Red
949-BK
949
Gray
940-BK
940
Blue
941-BK
941
Black (Keyless)
2-7252G11
-
Brown
940-BK
940
NOTE: SB®175 black is keyless and can be mated with all other colors.
SB®175 Chemical Resistant (CR) Housings
Same features as the Standard SB®175 but molded in a chemical
resistant PBT/ PC blend. Suitable for use to -40°C.
Description
----- Part Numbers -----
Minimum Quantity ...
200
50
Red
P949-BK
P949
Gray
P940-BK
P940
SB®175 Silver Plated Wire Contacts
Silver plated contacts offer superior electrical performance
and durability up to 10,000 mating cycles.
AWG
mm
Force
--- Part Numbers ---
Minimum Quantity .............
500
50
1/0
53.5
High
1382-BK
1382
1
42.4
High
1347-BK
1347
2
33.6
High
1383-BK
1383
4
21.1
High
1384-BK
1384
6
13.3
High
1348-BK
1348
| ORDERING INFORMATION |
SB®175
“© 2015 Anderson Power Products, Inc. All rights reserved. A, SB, Powerpole, SPEC Pak, APP and Anderson Power Products are registered trademarks of Anderson Power Products, Inc.”
All Data Subject To Change Without Notice
15734,
DS-SBBOOT REV 03
HEADQUARTERS: Anderson Power Products®, 13 Pratts Junction Road, Sterling, MA 01564-2305 USA T:978-422-3600 F: 978-422-0128 • EUROPE: Anderson Power
Products® Ltd., Unit 3, Europa Court, Europa Boulevard, Westbrook, Warrington, Cheshire, WA5 7TN United Kingdom T: +44 (0) 1925 428390 F: +44 (0) 1925 520203 •
ASIA /
PACIFIC: IDEAL Anderson Asia Pacific Ltd., Unit 922-928 Topsail Plaza, 11 On Sum Street, Shatin N.T., Hong Kong T:+(852) 2636 0836 F:+(852) 2635 9036 • CHINA: IDEAL
Anderson Technologies (Shenzhen) Ltd., Block A8 Tantou Western Industrial Park, Songgang Baoan District, Shenzhen, PR. China 518105 T: +(86) 755 2768 2118 F: +(86) 755
2768 2218 •
TAIWAN: IDEAL Anderson Asia Pacific Ltd., Taiwan Branch, 4F.-2, No.116, Dadun 20th St., Situn District, Taichung City 407, Taiwan (R.O.C.) T: +(886) 4 2310
6451 F:+(886) 4 2310 6460 •
www.andersonpower.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com