Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1331 Datasheet(PDF) 8 Page - Anderson Power Products, Inc.

Part # 1331
Description  SBE® 160 / SBX® 175 Connectors Up to 280 Amps
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

1331 Datasheet(HTML) 8 Page - Anderson Power Products, Inc.

  1331 Datasheet HTML 1Page - Anderson Power Products, Inc. 1331 Datasheet HTML 2Page - Anderson Power Products, Inc. 1331 Datasheet HTML 3Page - Anderson Power Products, Inc. 1331 Datasheet HTML 4Page - Anderson Power Products, Inc. 1331 Datasheet HTML 5Page - Anderson Power Products, Inc. 1331 Datasheet HTML 6Page - Anderson Power Products, Inc. 1331 Datasheet HTML 7Page - Anderson Power Products, Inc. 1331 Datasheet HTML 8Page - Anderson Power Products, Inc. 1331 Datasheet HTML 9Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ID
[ 25.4 ]
1.00
Wire Entrance
[ 21.3 ]
0.84
Wire Entrance
[ 5.8 ]
0.23
993G2
111961P2
994G2
B00511G2
Manual Release - Battery Side *
Works with the Charger / Truck side to ease mating
and unmating connectors.
Description
Part Numbers
Minimum Quantity
88
25
Bracket and Hardware Kit
-
993G2
Battery Bracket Only
111961P2
-
Hardware Bag
-
105G1
* Torque value 30 (in - lbs) / 3.4 (Nm)
*NOTE: For assembly of bracket to housing only
Manual Release - Charger / Truck Side *
Works with the Battery side to ease mating and unmating connectors.
Description
Part Numbers
Minimum Quantity
60
25
Bracket and Hardware Kit
-
994G2
Bracket / Lever Only
B00511G2
-
Hardware Bag
-
105G1
* Torque value 30 (in - lbs) / 3.4 (Nm)
*NOTE: For assembly of bracket to housing only
Silver Plated Reducing Bushings: for Use with Contact Part Number 6384G1
Use with contact part number 6384G1-BK to allow a smaller wire to be used with the
connector. Electrical capability is derated with smaller wire.
Dimensions
Contacts Barrel Size
Wire Size
- ID -
AWG
mm²
AWG
mm²
Part Numbers
inches mm
Minimum Quantity
1,500
1,000
500
100
1/0
53.5
1
42.4
-
-
5687-BK 5687
0.39
9.91
1/0
53.5
2
33.6
5690-BK
-
-
5690
0.34
8.64
1/0
53.5
4
21.2
-
5693-BK -
5693
0.27
6.86
1/0
53.5
6
13.3
-
5663-BK -
5663
0.22
5.59
1/0
53.5
10 to 8
5.3 - 8.4
5648-BK
-
-
5648
0.19
4.83
Reducing Bushings: for Use with Contact Part Number 6384G2
Use with contact part number 6384G2-BK to allow a smaller wire to be
used with the connector. Electrical capability is derated with smaller wire.
Contact Barrel Size
Wire Size
Part Numbers
Minimum Quantity
1,000
100
35 mm²
16 mm²
5920-BK 5920
Charger Key
Prevents charger and truck connector halves from engaging
Description
Part Numbers
For Use With
Hardware Kit Includes
Minimum Quantity
25
Charger Key Kit
6337G1
SBE®160/SBE®320
1 Yellow Key
Connectors
2 Retaining Pins
Retaining Pin
Key
Space for Key



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com