Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1619704 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1619704
Description  CA-16S1N8A8007 - Cable connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1619704 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1619704 Datasheet HTML 1Page - PHOENIX CONTACT 1619704 Datasheet HTML 2Page - PHOENIX CONTACT 1619704 Datasheet HTML 3Page - PHOENIX CONTACT 1619704 Datasheet HTML 4Page - PHOENIX CONTACT 1619704 Datasheet HTML 5Page - PHOENIX CONTACT 1619704 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Ambient conditions
Ambient temperature (operation)
-40 °C ... 125 °C
Ambient temperature (storage/transport)
15 °C ... 25 °C
Permissible humidity (storage/transport)
50 % ... 65 %
CA-16S1N8A8007 - Cable connector
1619704
https://www.phoenixcontact.com/us/products/1619704
Dec 6, 2024, 4:17 AM
Page 3 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com