Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM24CL16 Datasheet(PDF) 13 Page - Ramtron International Corporation

Part # FM24CL16
Description  16Kb FRAM Se rial 3V Memory
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM24CL16 Datasheet(HTML) 13 Page - Ramtron International Corporation

Back Button FM24CL16 Datasheet HTML 5Page - Ramtron International Corporation FM24CL16 Datasheet HTML 6Page - Ramtron International Corporation FM24CL16 Datasheet HTML 7Page - Ramtron International Corporation FM24CL16 Datasheet HTML 8Page - Ramtron International Corporation FM24CL16 Datasheet HTML 9Page - Ramtron International Corporation FM24CL16 Datasheet HTML 10Page - Ramtron International Corporation FM24CL16 Datasheet HTML 11Page - Ramtron International Corporation FM24CL16 Datasheet HTML 12Page - Ramtron International Corporation FM24CL16 Datasheet HTML 13Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
FM24CL16
Rev 3.3
Nov. 2005
Page 13 of 13
Revision History
Revision
Date
Summary
1.0
2/15/01
Initial Release.
1.1
9/29/01
Endurance changed to unlimited.
2.0
2/22/02
Changed to Production status. Added clarification to package standard and
changed package name to SOIC.
2.1
3/24/03
Added “green” packaging option.
2.2
6/24/04
Changed storage temp range -55 to +125 C. Removed Data Retention note.
3.0
7/14/04
Changed IDD limits. New rev. number to comply with updated scheme.
3.1
11/19/04
Added DFN package ordering option and added mechanical drawing. Added
pcb footprint drawings. Increased Idd @ 1MHz to 450uA.
3.2
3/8/05
Changed Data Retention spec.
Added ESD and package MSL ratings.
Removed “preliminary” from DFN package drawing.
3.3
11/28/05
Changed package name from DFN to TDFN. Fixed formatting of notes in DC
table. Removed ref to note 4 on VIH and VIL parameters. Added note to VHYS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com