Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM24CL64 Datasheet(PDF) 13 Page - Ramtron International Corporation

Part # FM24CL64
Description  64Kb Serial 3V FRAM Memory
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM24CL64 Datasheet(HTML) 13 Page - Ramtron International Corporation

Back Button FM24CL64 Datasheet HTML 5Page - Ramtron International Corporation FM24CL64 Datasheet HTML 6Page - Ramtron International Corporation FM24CL64 Datasheet HTML 7Page - Ramtron International Corporation FM24CL64 Datasheet HTML 8Page - Ramtron International Corporation FM24CL64 Datasheet HTML 9Page - Ramtron International Corporation FM24CL64 Datasheet HTML 10Page - Ramtron International Corporation FM24CL64 Datasheet HTML 11Page - Ramtron International Corporation FM24CL64 Datasheet HTML 12Page - Ramtron International Corporation FM24CL64 Datasheet HTML 13Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
FM24CL64
Rev. 3.1
Mar. 2005
Page 13 of 13
Revision History
Revision
Date
Summary
0.1
7/21/00
Initial Release
0.2
5/9/01
Endurance changed to unlimited.
0.3
10/11/01
Changed Data Retention table. Added pin numbers to pinout.
1.0
3/29/02
Changed status to Preliminary.
2.0
7/23/03
Changed status to Production. Extended storage temperature limits.
2.1
3/17/04
Added “green” package. Updated package drawing.
3.0
1/19/05
Added DFN package ordering option and added mechanical drawing. Added
pcb footprint drawings. Updated 1
st page footer.
3.1
3/8/05
Improved Data Retention spec to 45 years. Removed “preliminary” from
DFN package drawing. Added ESD and package MSL ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com