Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS3AS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MCS3AS
Description  3-element colour sensor - SMD/SO8
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCS3AS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MCS3AS Datasheet HTML 1Page - List of Unclassifed Manufacturers MCS3AS Datasheet HTML 2Page - List of Unclassifed Manufacturers MCS3AS Datasheet HTML 3Page - List of Unclassifed Manufacturers MCS3AS Datasheet HTML 4Page - List of Unclassifed Manufacturers MCS3AS Datasheet HTML 5Page - List of Unclassifed Manufacturers MCS3AS Datasheet HTML 6Page - List of Unclassifed Manufacturers MCS3AS Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
REVISIONS
REV. DESCRIPTION
APPROVED
1
V1.17
2006-03-01
The information in this publication is believed to be accurate in all respects at the time
of publication. MAZeT reserves the right to make changes in its products without notice
in order to improve design or performance characteristics.
DOC. NO:
DB-99-073e
Page 2 of 7
DATA-SHEET MCS3AS
1. FUNCTION
The colour sensors are made of 3 Si-PIN photo diodes integrated on chip. They are
carried out as segments of a ring with the diameter of 2,0 mm. The design as Si-PIN
photo diodes allows signal frequencies up to MHz-range. In order to achieve a small
cross talk between the photodiodes the individual sectors have been separated from
each other by additional structures. Each of these photodiodes is sensitized with
dielectric spectral filter for its colour range, preferably for the primary colours red, green
and blue.
2. APPLICATION
• Quality control
• Monitoring the production
• Control of manufacturing
• Detection of colour marks
3. FEATURES
Dielectric filters guarantee the good optical properties of the colour sensors, such as:
− high transmission
− slight aging of the filter
− high temperature stability
− high signal frequency
− reduced cross talk
− small size (diameter of the optical sensitive surface ca. 2 mm)
4. CONSTRUCTION
• 3 on chip integrated PIN photo diodes
• dielectric filters for the three colour ranges: red, green and blue
• package design SOP8
• Electrical connections
three anodes
one separated diode for minimization of the cross-talk
one common cathode
Germany and other countries: LASER COMPONENTS GmbH, Phone: +49 8142 2864 0, Fax: +49 8142 2864 11, info@lasercomponents.com
USA: LASER COMPONENTS IG, Inc., Phone: +1 603 821 7040, Fax: +1 603 821 7041, info@laser-components.com
Great Britain: LASER COMPONENTS (UK) Ltd., Phone: +44 1245 491 499, Fax: +44 1245 491 801, info@lasercomponents.co.uk



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com