Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV18 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BAV18
Description  Superfast Switching Si-Planar Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BAV18 Datasheet(HTML) 1 Page - Diotec Semiconductor

  BAV18 Datasheet HTML 1Page - Diotec Semiconductor BAV18 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAV18 ... BAV21
BAV18 ... BAV21
Superfast Switching Si-Planar Diodes
Superschnelle Si-Planar-Dioden
Version 2005-08-15
Dimensions - Maße [mm]
Max. power dissipation
Max. Verlustleistung
500 mW
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
50...200 V
Glass case
Glasgehäuse
DO-35
(SOD-27)
Weight approx.
Gewicht ca.
0.13 g
Equivalent SMD-version
Äquvalente SMD-Ausführung
BAV100...BAV102
Standard packaging taped in ammo pack
Standard Lieferform gegurtet in Ammo-Pack
Maximum ratings (TA =25°C)
Grenzwerte (TA =25°C)
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V] 1)
BAV18
50
60
BAV19
100
120
BAV20
150
200
BAV21
200
250
Max. power dissipation
Max. Verlustleistung
TA = 25°C
Ptot
500 mW 2)
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TA = 25°C
IFAV
250 mA 2)
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
650 mA 2)
Peak forward surge current, t ≤ 1 s
Stoßstrom, t ≤ 1 s
TA = 25°C
IFSM
1 A
Peak forward surge current, t ≤ 1 µs
Stoßstrom, t ≤ 1 µs
TA = 25°C
IFSM
5 A
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+200°C
-50...+200°C
1
Tested with pulses IR = 100 µA, tp = 300 µs, duty cycle ≤ 2%
Gemessen mit Impulsen IR = 100 µA, tp = 300 µs, Schaltverhältnis ≤ 2%
2
Valid, if leads are kept at ambient temperature at a distance of 5 mm from case
Gültig, wenn die Anschlussdrähte in 5 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
© Diotec Semiconductor AG
http://www.diotec.com/
1
Ø 1.9
Ø 0.52


Similar Part No. - BAV18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV18 VISHAY-BAV18 Datasheet
129Kb / 5P
Small Signal Switching Diodes, High Voltage
20-Apr-06
logo
Fairchild Semiconductor
BAV18 FAIRCHILD-BAV18 Datasheet
36Kb / 1P
General Purpose Diodes
logo
Diotec Semiconductor
BAV18 DIOTEC-BAV18 Datasheet
169Kb / 2P
Silicon-Planar-Diodes
logo
Galaxy Semi-Conductor H...
BAV18 BILIN-BAV18 Datasheet
101Kb / 2P
SMALL SIGNAL SWITCHING DIODE
logo
Vishay Siliconix
BAV18 VISHAY-BAV18 Datasheet
123Kb / 5P
Small Signal Switching Diodes, High Voltage
19-Feb-07
More results

Similar Description - BAV18

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BAV100 DIOTEC-BAV100_07 Datasheet
103Kb / 2P
Superfast Switching Surface Mount Si-Diodes
ER1A DIOTEC-ER1A_07 Datasheet
104Kb / 2P
Superfast Switching Surface Mount Si-Diodes
ER2A DIOTEC-ER2A_07 Datasheet
69Kb / 2P
Superfast Switching Surface Mount Si-Diodes
ER3A DIOTEC-ER3A_07 Datasheet
69Kb / 2P
Superfast Switching Surface Mount Si-Diodes
SFE1A DIOTEC-SFE1A_07 Datasheet
71Kb / 2P
Superfast Switching Surface Mount Si-Diodes
1N4148 DIOTEC-1N4148_11 Datasheet
92Kb / 2P
Ultrafast Switching Si-Planar Diodes
BAV18 DIOTEC-BAV18_11 Datasheet
91Kb / 2P
Superfast Switching Si-Planar Diodes
BAS19 DIOTEC-BAS19_11 Datasheet
118Kb / 2P
Fast Switching Surface Mount Si-Planar Diodes
MUR130 DIOTEC-MUR130 Datasheet
102Kb / 2P
Superfast Effcient Si-Rectifier Diodes
BAS19 DIOTEC-BAS19_15 Datasheet
120Kb / 2P
Fast Switching Surface Mount Si-Planar Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com