Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPE405H Datasheet(PDF) 7 Page - Applied Micro Circuits Corporation

Part # NPE405H
Description  PowerNP NPe405H Embedded Processor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

NPE405H Datasheet(HTML) 7 Page - Applied Micro Circuits Corporation

Back Button NPE405H Datasheet HTML 3Page - Applied Micro Circuits Corporation NPE405H Datasheet HTML 4Page - Applied Micro Circuits Corporation NPE405H Datasheet HTML 5Page - Applied Micro Circuits Corporation NPE405H Datasheet HTML 6Page - Applied Micro Circuits Corporation NPE405H Datasheet HTML 7Page - Applied Micro Circuits Corporation NPE405H Datasheet HTML 8Page - Applied Micro Circuits Corporation NPE405H Datasheet HTML 9Page - Applied Micro Circuits Corporation NPE405H Datasheet HTML 10Page - Applied Micro Circuits Corporation NPE405H Datasheet HTML 11Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
NPe405H – PowerNP NPe405H Embedded Processor
Revision 1.01 – April 18, 2007
AMCC Proprietary
DS2011
7
Data Sheet
ADDRESS MAP SUPPORT
The NPe405H incorporates two separate address maps. The first is a fixed processor address map that serves the
PowerPC family of processors. This address map defines the possible contents of various address regions which
the processor can access. The second address map is for Device Configuration Registers (DCRs). The DCRs are
accessed by software running on the NPe405H processor through the use of mtdcr and mfdcr commands.
SYSTEM ADDRESS MAP
Table 1. System Address Map 4GB Total System Memory
Function
Subfunction
Start Address
End Address
Size
General use
SDRAM, External peripherals, and PCI
memory
Note: Any of the address ranges listed at
right may be use for any of the above
functions.
0x00000000
0xE7FFFFFF
3712MB
0xE8010000
0xE87FFFFF
8MB
0xEC000000
0xEEBFFFFF
44MB
0xEEE00000
0xEF3FFFFF
6MB
0xEF500000
0xEF5FFFFF
1MB
0xEF900000
0xFFFFFFFF
263MB
Boot-up
External peripheral bus boot
1
0xFFE00000
0xFFFFFFFF
2MB
PCI boot
2
0xFFFE0000
0xFFFFFFFF
128KB
PCI
PCI I/O
0xE8000000
0xE800FFFF
64KB
PCI I/O
0xE8800000
0xEBFFFFFF
56MB
Configuration registers
0xEEC00000
0xEEC00007
8B
Interrupt Acknowledge and special cycle
0xEED00000
0xEED00003
4B
Local configuration registers
0xEF400000
0xEF40003F
64B
Internal peripherals
UART0
0xEF600300
0xEF600307
8B
UART1
0xEF600400
0xEF600407
8B
IIC0
0xEF600500
0xEF60051F
32B
OPB arbiter
0xEF600600
0xEF60063F
64B
GPIO0 controller registers
0xEF600700
0xEF60077F
128B
GPIO1 controller registers
0xEF600780
0xEF6007FF
128B
Ethernet MAC 0 registers
0xEF600800
0xEF6008FF
256B
Ethernet MAC 1 registers
0xEF600900
0xEF6009FF
256B
Ethernet MAC 2 registers
0xEF600A00
0xEF600AFF
256B
Ethernet MAC 3 registers
0xEF600B00
0xEF600BFF
256B
ZMII control registers
0xEF600C10
0xEF600C1F
16B
HDLCEX
0xEF610000
0xEF61FFFF
64KB
HDLCMP
0xEF620000
0xEF62FFFF
64KB
Notes:
1. When external peripheral bus boot is selected, peripheral bank 0 is automatically configured at reset to the address range listed above.
2. If PCI boot is selected, a PLB-to-PCI mapping is automatically configured at reset to the address range listed above.
3. After the boot process, software may reassign the boot memory regions for other uses.
4. All address ranges not listed above are reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com