Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC556 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BC556
Description  General Purpose Si-Epitaxial PlanarTransistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BC556 Datasheet(HTML) 2 Page - Diotec Semiconductor

  BC556 Datasheet HTML 1Page - Diotec Semiconductor BC556 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BC556 ... BC559
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Min.
Typ.
Max.
Collector-Emitter cutoff current – Kollektor-Emitter-Reststrom
- VCE = 80 V, (B-E short)
- VCE = 50 V, (B-E short)
- VCE = 30 V, (B-E short)
BC546
BC547
BC548 / BC549
- ICES
- ICES
- ICES
–
–
–
0.2 nA
0.2 nA
0.2 nA
15 nA
15 nA
15 nA
- VCE = 80 V, Tj = 125°C, (B-E short)
- VCE = 50 V, Tj = 125°C, (B-E short)
- VCE = 30 V, Tj = 125°C, (B-E short)
BC546
BC547
BC548 / BC549
- ICES
- ICES
- ICES
–
–
–
–
–
–
4 µA
4 µA
4 µA
Collector-Emitter saturation voltage – Kollektor-Emitter-Sättigungsspg 2)
- IC = 10 mA, - IB = 0.5 mA
- IC = 100 mA, - IB = 5 mA
- VCEsat
- VCEsat
–
–
80 mV
250 mV
300 mV
650 mV
Base-Emitter saturation voltage – Basis-Emitter-Sättigungsspannung 2)
- IC = 10 mA, - IB = 0.5 mA
- IC = 100 mA, - IB = 5 mA
- VBEsat
- VBEsat
–
–
700 mV
900 mV
–
–
Base-Emitter-voltage – Basis-Emitter-Spannung 2)
- VCE = 5 V, - IC = 2 mA
- VCE = 5 V, - IC = 10 mA
- VBE
- VBE
600 mV
–
660 mV
–
750 mV
800 mV
Gain-Bandwidth Product – Transitfrequenz
- VCE = 5 V, - IC = 10 mA, f = 100 MHz
fT
–
150 MHz
–
Collector-Base Capacitance – Kollektor-Basis-Kapazität
- VCB = 10 V, IE =ie = 0, f = 1 MHz
CCBO
–
3.5 pF
6 pF
Emitter-Base Capacitance – Emitter-Basis-Kapazität
- VEB = 0.5 V, IC = ic = 0, f = 1 MHz
CEB0
–
10 pF
–
Noise figure – Rauschzahl
- VCE = 5 V, - IC = 200 µA, RG = 2 kΩ
f = 1 kHz, Δf = 200 Hz
BC556 ... BC558
BC559
F
F
–
–
2 dB
1 dB
10 dB
4 dB
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 200 K/W 1)
Recommended complementary NPN transistors
Empfohlene komplementäre NPN-Transistoren
BC546 ... BC549
Available current gain groups per type
Lieferbare Stromverstärkungsgruppen pro Typ
BC556A
BC557A
BC558A
BC556B
BC557B
BC558B
BC559B
BC557C
BC558C
BC559C
2
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
1
Valid, if leads are kept at ambient temperature at a distance of 2 mm from case
Gültig wenn die Anschlussdrähte in 2 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com