Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRS64GU Datasheet(PDF) 1 Page - Applied Micro Circuits Corporation

Part # PRS64GU
Description  Packet Routing Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PRS64GU Datasheet(HTML) 1 Page - Applied Micro Circuits Corporation

  PRS64GU Datasheet HTML 1Page - Applied Micro Circuits Corporation PRS64GU Datasheet HTML 2Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Empowering Intelligent Optical Networks
–
Highlight s –
Product Brief
PRS 64Gu
Packet Routing Switch
PB PRS 64Gu / v0.5 / 12-19-2003
Empowering Intelligent Networks
1
Target Markets and Applications
The AMCC PRS family of packet
routing switch products provides a
highly-integrated, non-blocking, and
scalable migration path for a wide
range of switch applications: in the
enterprise, with data center (web
caching, load balancing, security),
NAS/SAN and high-end LAN
products; in the wireless
infrastructure, with wireless
aggregation and base station
controller equipment; and in the
Metro/WAN, with access, edge and
transport switches.
The latest member of the PRS family,
the PRS 64Gu is an excellent fit for
applications requiring compact
design, to address card real estate
constraint or floor space restriction.
The PRS 64Gu enables design of
switch fabrics with up to 32 ports for
support of GE/OC-48c interfaces, or
eight ports for support of 10GE/
OC-192c interfaces, or any
intermediate combination.
High Throughput and
Non-Disruptive Migration
The PRS 64Gu Packet Routing
Switch provides a powerful engine
for high-throughput switch
applications and port speeds of up to
10-Gbps/OC-192c. The chip features
configurable fixed-size, fast packet
switching and is capable of
supporting either frame-based traffic
(through segmentation and
reassembly) or cell-based traffic.
Protocol-independent, it enables
non-blocking and scalable switch
fabrics offering 64-Gbps or 128-Gbps
core switch aggregate throughput.
Manufacturers using the PRS 64Gu
can benefit from IBM’s advanced
silicon technology and the proven
reliability, redundancy, and load
sharing features of the AMCC packet
routing switch technology. The
PRS 64Gu Packet Routing Switch
offers:
• 16 input ports and 16 output ports
(one chip); or 32 input ports and 32
output ports (two chips)
• 40-Gbps (one chip) or 80-Gbps
(two chips) aggregate user
bandwidth
• Up to four GE or one OC-48c per
port, or one 10GE or one OC-192c
per group of four ports
• Quality of Service (QoS) with four
levels of traffic priority and
programmable flow control
thresholds
• Packet lossless switchover
capability and efficient multicast
(replication at sending)
• Industry standard CSIX-L1
interface to Network Processors or
Traffic Managers
• Embedded high-speed serial links
at 2.5 Gbps for simpler wiring,
compact switch board design, and
common wiring rules across
multiple PRS-based switches
(PRS 64Gu, Q-64G, and so on)
• End-user evolution from/to other
PRS switch cores, using the same
line adapters (investment
protection)
Scalable, Highly-Compact,
Protocol-Independent Switch
Technology for Demanding
1-Gbps/10-Gbps Ethernet and
OC-48c/OC-192c Applications
• Large-scale functionality in a
high-integration chip for
compact designs
• High availability through
proven packet lossless
maintenance switchover
capability
• Same fabric interface chip
(line adapter reuse) within
family of PRS-based switches
• Comprehensive development
support and tools to help
reduce time to market


Similar Part No. - PRS64GU

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PRS65 LITTELFUSE-PRS65 Datasheet
309Kb / 1P
Dedicated - Single Shot
2016 Rev: 1-A-062716
More results

Similar Description - PRS64GU

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI7C9X2G303EL PERICOM-PI7C9X2G303EL Datasheet
296Kb / 1P
Packet Switch
PI7C9X2G304EL PERICOM-PI7C9X2G304EL Datasheet
300Kb / 1P
Packet Switch
PI7C9X2G304SL PERICOM-PI7C9X2G304SL Datasheet
300Kb / 1P
Packet Switch
PI7C9X2G312GP PERICOM-PI7C9X2G312GP Datasheet
119Kb / 1P
Packet Switch
PI7C9X2G404SL PERICOM-PI7C9X2G404SL Datasheet
301Kb / 1P
Packet Switch
PI7C9X2G606PR PERICOM-PI7C9X2G606PR Datasheet
420Kb / 1P
Packet Switch
PI7C9X2G608EL PERICOM-PI7C9X2G608EL Datasheet
357Kb / 1P
Packet Switch
PI7C9X2G608GP PERICOM-PI7C9X2G608GP Datasheet
421Kb / 1P
Packet Switch
PI7C9X2G612GP PERICOM-PI7C9X2G612GP Datasheet
420Kb / 1P
Packet Switch
PI7C9X20303SL PERICOM-PI7C9X20303SL Datasheet
80Kb / 1P
Packet Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com