Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFS52N15DTRLP Datasheet(PDF) 2 Page - International Rectifier

Part # IRFS52N15DTRLP
Description  HEXFET Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS52N15DTRLP Datasheet(HTML) 2 Page - International Rectifier

  IRFS52N15DTRLP Datasheet HTML 1Page - International Rectifier IRFS52N15DTRLP Datasheet HTML 2Page - International Rectifier IRFS52N15DTRLP Datasheet HTML 3Page - International Rectifier IRFS52N15DTRLP Datasheet HTML 4Page - International Rectifier IRFS52N15DTRLP Datasheet HTML 5Page - International Rectifier IRFS52N15DTRLP Datasheet HTML 6Page - International Rectifier IRFS52N15DTRLP Datasheet HTML 7Page - International Rectifier IRFS52N15DTRLP Datasheet HTML 8Page - International Rectifier IRFS52N15DTRLP Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
www.irf.com
PROVISIONAL
IRFB52N15DPbF/IRFS52N15DPbF/IRFSL52N15DPbF
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
19
––– –––
S
VDS = 50V, ID = 36A
Qg
Total Gate Charge
–––
60
89
ID = 36A
Qgs
Gate-to-Source Charge
–––
18
27
nC
VDS = 75V
Qgd
Gate-to-Drain ("Miller") Charge
–––
28
42
VGS = 10V,
„
td(on)
Turn-On Delay Time
–––
16
–––
VDD = 75V
tr
Rise Time
–––
47
–––
ID = 36A
td(off)
Turn-Off Delay Time
–––
28
–––
RG = 2.5Ω
tf
Fall Time
–––
25
–––
VGS = 10V
„
Ciss
Input Capacitance
–––
2770 –––
VGS = 0V
Coss
Output Capacitance
–––
590 –––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
110 –––
pF
ƒ = 1.0MHz
Coss
Output Capacitance
–––
3940 –––
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
Coss
Output Capacitance
–––
260 –––
VGS = 0V, VDS = 120V, ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
–––
550 –––
VGS = 0V, VDS = 0V to 120V
…
Dynamic @ TJ = 25°C (unless otherwise specified)
ns
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
––– –––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)
†
––– –––
p-n junction diode.
VSD
Diode Forward Voltage
––– –––
1.5
V
TJ = 25°C, IS = 36A, VGS = 0V
„
trr
Reverse Recovery Time
––– 140
210
nS
TJ = 25°C, IF = 36A
Qrr
Reverse RecoveryCharge
––– 780 1170
nC
di/dt = 100A/µs
„
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Diode Characteristics
60
240
A
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
150
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.16 –––
V/°C Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
–––
32
m
Ω
VGS = 10V, ID = 36A
„
VGS(th)
Gate Threshold Voltage
3.0
–––
5.0
V
VDS = VGS, ID = 250µA
–––
–––
25
µA
VDS = 150V, VGS = 0V
–––
–––
250
VDS = 120V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 30V
Gate-to-Source Reverse Leakage
–––
––– -100
nA
VGS = -30V
IGSS
IDSS
Drain-to-Source Leakage Current
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
dh
mJ
IAR
Avalanche Current
Ù
A
EAR
Repetitive Avalanche Energy
™
mJ
VDS (Avalanche) Repetitive Avalanche Voltage
™
V
200
–––
–––
36
–––
–––
450
–––
–––
Max.
470
Min.
Typ.
–––
–––



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com