Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

251009SW01DXLL Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # 251009SW01DXLL
Description  1009 2½˝, 3½˝ Stainless Steel Pressure Gauges
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

251009SW01DXLL Datasheet(HTML) 2 Page - Ashcroft, Inc.

  251009SW01DXLL Datasheet HTML 1Page - Ashcroft, Inc. 251009SW01DXLL Datasheet HTML 2Page - Ashcroft, Inc. 251009SW01DXLL Datasheet HTML 3Page - Ashcroft, Inc. 251009SW01DXLL Datasheet HTML 4Page - Ashcroft, Inc. 251009SW01DXLL Datasheet HTML 5Page - Ashcroft, Inc. 251009SW01DXLL Datasheet HTML 6Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
of 6
2
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Duralife®,
PLUS!™, PowerFlex™, True Zero™, Trust the Shield® are trademarks and Gold ServiceSM is a
service mark of Ashcroft Inc. The following non-Ashcroft trademarks are the property of their respective owners:
Halocarbon®, Krytox™. For more information, see Ashcroft Brands & Trademarks
©2024 Ashcroft Inc. 1009_25-35_ds_RevJ_08-08-24
ashcroft.com
| 1.800.328.8258 | Contact Us
1009 2½˝, 3½˝ Stainless Steel Pressure Gauges
ORDERING CODE:
Example:
251009 SW
L
02
L
XC4 100#
Dial Size/Model Code
25 - 251009
251009
35 - 351009
System
AW - 316L SS tube/Aluminum, bronze connection (max. pressure 1,000 psi)
SW - 316L SS tube/316L SS process connection (max. pressure 15,000 psi)
(NSF-61 Compliant)
SW
Case Fill
(blank) Dry gauge
L - Liquid filled case (glycerin standard)
L
Process Connection Size
01 - 1⁄8 NPT Male
02 - 1/4 NPT Male
02
04 - 1/2 NPT Male (SW models only)
RW - SAE-4, 7⁄16˝ - 20 Straight thread
EJ - 7⁄16˝ X 20 UNF-3A 37° flare
KJ - 1/4˝ Straight JIS, BSP - 1009SW
KA - 1/4˝ Tapered JIS, BSP - 1009SW
13 - G 1/4˝ DIN
JP - 1/4˝ Tubing, (SW models only) N/A with throttle plug, N/A ranges above 6,000 psi
JQ - 6 mm Tubing, (SW models only) N/A with throttle plug, N/A ranges above 6,000 psi
JL - 9⁄16˝ 18 UNF-2A, (SW models only) N/A on 25 1009
JR - 3⁄8˝ Tubing, (SW models only) N/A with throttle plug, N/A on ranges above 6,000 psi
Process Connection Location
L - Lower
L
B - Lower back
D - Side (3 o’clock)
E - Side (9 o’clock)
T - Top
Options (If choosing an option(s) must include an “X”)
X__
Dampening
GV - Silicone filling (add to glycerine filled case)
GX - Halocarbon® filling (add to glycerine filled case)
LL -
PLUS!™ Performance
NZ -
PLUS!™ Performance silicone free
T4 - Push in throttle plug brass (orifice 0.007˝)
TS - Stainless helical throttle plug (standard with liquid fill and XLL (SWL) gauges 1500# and above
TU - Throttle plug (orifice 0.013) (standard with liquid fill and XLL gauges 30# to 1000#)
WP - No throttle plug
ZF - Food grade silicone (add to glycerine filled gauge)
Mounting
FF - Front flange
FW - Back flange
UC - U-clamp
Case/Movement
LC - Weld nuts (when required on lower connect)
LJ - Liquid fillable dry case (throttle plug is standard)
VY - Krytox™ lubricated movement
YW - 316L Stainless steel case/ring (only available with system 1009SW & SWL)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com