Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

440SPE Datasheet(PDF) 39 Page - Applied Micro Circuits Corporation

Part # 440SPE
Description  PowerPC 440SPe Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440SPE Datasheet(HTML) 39 Page - Applied Micro Circuits Corporation

Back Button 440SPE Datasheet HTML 35Page - Applied Micro Circuits Corporation 440SPE Datasheet HTML 36Page - Applied Micro Circuits Corporation 440SPE Datasheet HTML 37Page - Applied Micro Circuits Corporation 440SPE Datasheet HTML 38Page - Applied Micro Circuits Corporation 440SPE Datasheet HTML 39Page - Applied Micro Circuits Corporation 440SPE Datasheet HTML 40Page - Applied Micro Circuits Corporation 440SPE Datasheet HTML 41Page - Applied Micro Circuits Corporation 440SPE Datasheet HTML 42Page - Applied Micro Circuits Corporation 440SPE Datasheet HTML 43Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
PowerPC 440SPe Embedded Processor
Revision 1.23 - Sept 21, 2006
AMCC Proprietary
39
Preliminary Data Sheet
SYS2PLLG
AD26
Power
56
SYS2PLLV
AE26
SYSClk
C16
SYSErr
M25
SysPartSel
A11
SYSPLLG
B14
SYSPLLV
B13
SysReset
L09
System
55
TCK
AA17
JTAG
56
TDI
AB15
TDO
AD16
TESTEN
E12
THERMALDA
AA13
Miscellaneous
57
THERMALDB
AA14
TMR_CLK
K08
System
55
TMS
AC15
JTAG
56
[TRCCLK] [GPIO00] High Z
L01
Trace
Note: Trace can be enabled at reset by setting
SDR0_SDSTP1[DBG] (bit 27) to 1 in the serial
bootstrap ROM.
56
[TRCBS0] [GPIO01] High Z
H01
[TRCBS1] [GPIO02] High Z
F01
[TRCBS2] [GPIO03] High Z
L02
[TRCES0] [GPIO04] High Z
K03
[TRCES1] [GPIO05] High Z
G02
[TRCES2] [GPIO06] High Z
M05
[TRCES3] [GPIO07] High Z
F02
[TRCES4] [GPIO08] High Z
J03
[TRCTS0] [GPIO09] High Z
H04
[TRCTS1] [GPIO10] High Z
J05
[TRCTS2] [GPIO11] High Z
G05
[TRCTS3] [GPIO12] High Z
L05
[TRCTS4] [GPIO13] High Z
J04
[TRCTS5] [GPIO14] High Z
K06
[TRCTS6] [GPIO15] High Z
H06
TRST
AE17
JTAG
56
Table 3. Signals Listed Alphabetically (Sheet 23 of 25)
Signal Name
Ball
Interface Group
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com