Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440SPE Datasheet(PDF) 52 Page - Applied Micro Circuits Corporation

Part # PPC440SPE
Description  PowerPC 440SPe Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SPE Datasheet(HTML) 52 Page - Applied Micro Circuits Corporation

Back Button PPC440SPE Datasheet HTML 48Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 49Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 50Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 51Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 52Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 53Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 54Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 55Page - Applied Micro Circuits Corporation PPC440SPE Datasheet HTML 56Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 80 page
background image
PowerPC 440SPe Embedded Processor
52
AMCC Proprietary
Revision 1.23 - Sept 21, 2006
Preliminary Data Sheet
PCIX0Req64/PCIX0ECC6
Request 64-bit transfer or ECC6.
Normally used by the current bus master to indicate a
64-bit transfer.
Used as ECC6 for PCIX0 mode 2.
I/O
3.3V PCI or
1.5V PCI for
mode 2
4
PCIX0Reset
Sets PCI device registers and logic to a consistent state.
O
3.3V PCI
PCIX0SErr
Reports address parity errors, data parity errors on the
Special Cycle command, or other catastrophic system
errors.
I/O
3.3V PCI
4
PCIX0Stop
Indicates the current target is requesting the master to
stop the current transaction.
I/O
3.3V PCI
4
PCIX0TRDY
Indicates the target agent’s ability to complete the
current data phase of the transaction.
I/O
3.3V PCI
4
PCIX0VC
Voltage control output. Used to control the voltage
regulator supplying the PCI I/O voltage. See PCIX0Cap
signal.
0 = 3.3V (PCI I/O)
1 =1.5V (PCI-X DDR)
O
3.3(1.5)V PCI
PCIX0VRef0:1
Voltage reference input for PCI-X mode 2/DDR (1.5V)
I/O. Not used for PCI or PCI-X mode 1.
I
VPCIXDDR
5
DDR SDRAM Interface
BA0:2
Bank Address supporting up to 8 internal banks.
O
2.5(1.8)V
DDR SDRAM
BankSel0:3
Selects up to four external DDR SDRAM banks.
O
2.5(1.8)V
DDR SDRAM
CAS
Column Address Strobe.
O
2.5(1.8)V
DDR SDRAM
ClkEn0:3
Clock Enable. One for each external bank.
O
2.5(1.8)V
DDR SDRAM
DM0:8
Memory write data byte lane masks. MEMDM8 is the
byte lane mask for the ECC byte lane.
O
2.5(1.8)V
DDR SDRAM
DQS0:8
DQS0:8
Byte lane data strobe. DQS8 is the data strobe for the
ECC byte lane. These signals are differential pairs.
I/O
2.5(1.8)V
DDR SDRAM
DIFF
ECC0:7
ECC check bits 0:7.
I/O
2.5(1.8)V
DDR SDRAM
MemAddr14:00
Memory address bus.
Note:MemAddr14 is the most significant bit (msb).
O
2.5(1.8)V
DDR SDRAM
MemClkOut0:5
MemClkOut0:5
Subsystem clocks. The Clock signal (differential pair) is
duplicated six times to support high loading:
Six clocks can be used for two unbuffered DIMMS.
Each individual clock signal can be enabled by
programming the SDR0_DDRCLKSET register.
O
2.5(1.8)V
DDR SDRAM
DIFF
MemData63:00
Memory data bus.
Note:MemData63 is the most significant bit (msb).
I/O
2.5(1.8)V
DDR SDRAM
Table 6. Signal Functional Description (Sheet 3 of 8)
Notes:
1. Receiver input has hysteresis
2. Must pull up (recommended value is 3k
Ω to 3.3V)
3. Must pull down (recommended value is 1k
Ω)
4. If not used, must pull up (recommended value is 3k
Ω to 3.3V)
5. If not used, must pull down (recommended value is 1k
Ω)
6. Strapping input during reset; pull-up or pull-down required
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com