Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5935QF Datasheet(PDF) 39 Page - Applied Micro Circuits Corporation

Part # S5935QF
Description  PCI Product
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5935QF Datasheet(HTML) 39 Page - Applied Micro Circuits Corporation

Back Button S5935QF Datasheet HTML 35Page - Applied Micro Circuits Corporation S5935QF Datasheet HTML 36Page - Applied Micro Circuits Corporation S5935QF Datasheet HTML 37Page - Applied Micro Circuits Corporation S5935QF Datasheet HTML 38Page - Applied Micro Circuits Corporation S5935QF Datasheet HTML 39Page - Applied Micro Circuits Corporation S5935QF Datasheet HTML 40Page - Applied Micro Circuits Corporation S5935QF Datasheet HTML 41Page - Applied Micro Circuits Corporation S5935QF Datasheet HTML 42Page - Applied Micro Circuits Corporation S5935QF Datasheet HTML 43Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 204 page
background image
S5935 – PCI Product
Revision 1.02 – June 27, 2006
AMCC Confidential and Proprietary
DS1527
39
Data Book
Table 8. PCI Status Register
Bit
Description
15
Detected Parity Error. This bit is set whenever a parity error is detected. It functions independently from the state of
Command Register Bit 6. This bit may be cleared by writing a 1 to this location.
14
Signaled System Error. This bit is set whenever the device asserts the signal SERR#. This bit can be reset by writing
a 1 to this location.
13
Received Master Abort. This bit is set whenever a bus master abort occurs. This bit can be reset by writing a 1 to this
location.
12
Received Target Abort. This bit is set whenever this device has one of its own initiated cycles terminated by the cur-
rently addressed target. This bit can be reset by writing a 1 to this location.
11
Signaled Target Abort. This bit is set whenever this device aborts a cycle when addressed as a target. This bit can be
reset by writing a 1 to this location.
10:9
Device Select Timing. These bits are read-only and define the signal behavior of DEVSEL# from this device when
accessed as a target.
8
Data Parity Reported. This bit is set upon the detection of a data parity error for a transfer involving the S5935 device
as the master. The Parity Error Enable bit (D6 of the Command Register) must be set in order for this bit to be set.
Once set, it can only be cleared by either writing a 1 to this location or by the assertion of the signal RESET#.
7
Fast Back-to-back Capable. When equal to 1, this indicates that the device can accept fast back-to-back cycles as a
target.
6:0
Reserved. Equal all 0’s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com