Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440SP-RFC667C Datasheet(PDF) 57 Page - Applied Micro Circuits Corporation

Part # PPC440SP-RFC667C
Description  PowerPC 440SP Embedded Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SP-RFC667C Datasheet(HTML) 57 Page - Applied Micro Circuits Corporation

Back Button PPC440SP-RFC667C Datasheet HTML 53Page - Applied Micro Circuits Corporation PPC440SP-RFC667C Datasheet HTML 54Page - Applied Micro Circuits Corporation PPC440SP-RFC667C Datasheet HTML 55Page - Applied Micro Circuits Corporation PPC440SP-RFC667C Datasheet HTML 56Page - Applied Micro Circuits Corporation PPC440SP-RFC667C Datasheet HTML 57Page - Applied Micro Circuits Corporation PPC440SP-RFC667C Datasheet HTML 58Page - Applied Micro Circuits Corporation PPC440SP-RFC667C Datasheet HTML 59Page - Applied Micro Circuits Corporation PPC440SP-RFC667C Datasheet HTML 60Page - Applied Micro Circuits Corporation PPC440SP-RFC667C Datasheet HTML 61Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 85 page
background image
PowerPC 440SP Embedded Processor
Revision 1.23 - Sept 26, 2006
AMCC Proprietary
57
Data Sheet
PCIX0M66En
Capable of 66MHz operation.
I
3.3V PCI or
1.5V PCI for mode 2
PCIX1:2M66En
Capable of 66MHz operation.
I
3.3V PCI or
1.5V PCI for mode 2
5
PCIX0:2Par/PCIX0:2ECC0
Even parity indicator or ECC0.
Normally used to indicate even parity across
PCIAD31:00 and BE3:0.
Used as ECC0 for PCIX0:2 mode 2.
I/O
3.3V PCI or
1.5V PCI for mode 2
PCIX0:1Par64/PCIX0:1ECC7
Even parity indicator or ECC7.
Normally used to indicate even parity across
PCIAD63:32 and BE7:4 for PCI0 and PCI1.
or
Used as ECC7 for PCIX0:1 mode 2.
I/O
3.3V PCI or
1.5V PCI for mode 2
PCIX0:2PErr
Reports data parity errors during all PCI transactions
except a Special Cycle.
I/O
3.3V PCI
4
PCIX0:2Req0:1
PCIX0:1Req2:3
An indication to the PCI-X arbiter that the specified
agent wishes to use the bus. When using an external
PCI/PCI-X arbiter, connect the external arbiter's
Request line to this signal.
I/O
3.3V PCI
4
PCIX0:1Req64/PCIX0:1ECC6
Request 64-bit transfer or ECC6.
Normally used by the current bus master to indicate a
64-bit transfer.
or
Used as ECC6 for PCIX2 mode 2.
I/O
3.3V PCI or
1.5V PCI for mode 2
4
PCIX0:2Reset
Sets PCI device registers and logic to a consistent state.
O
3.3V PCI
PCIX0:2SErr
Reports address parity errors, data parity errors on the
Special Cycle command, or other catastrophic system
errors.
I/O
3.3V PCI
4
PCIX0:2Stop
Indicates the current target is requesting the master to
stop the current transaction.
I/O
3.3V PCI
4
PCIX0:2TRDY
Indicates the target agent’s ability to complete the
current data phase of the transaction.
I/O
3.3V PCI
4
PCIX0:2VC
Voltage control output. Used to control the voltage
regulator supplying the PCI I/O voltage. See PCI-XCap
signal.
0 = 3.3V (PCI I/O)
1 =1.5V (PCI-X DDR)
O
3.3(1.5)V PCI
PCIX0:2VRef0:1
Voltage reference input for PCI-X mode 2/DDR (1.5V)
I/O. Not used for PCI or PCI-X mode 1.
IVPCIXDDR
5
Table 6. Signal Functional Description (Sheet 2 of 7)
Notes:
1. Receiver input has hysteresis
2. Must pull up (recommended value is 3k
Ω to 3.3V)
3. Must pull down (recommended value is 1k
Ω)
4. If not used, must pull up (recommended value is 3k
Ω to 3.3V)
5. If not used, must pull down (recommended value is 1k
Ω)
6. Strapping input during reset; pull-up or pull-down required
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com