Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR771HT Datasheet(PDF) 2 Page - Power Semiconductors

Part # AR771HT
Description  RECTIFIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

AR771HT Datasheet(HTML) 2 Page - Power Semiconductors

  AR771HT Datasheet HTML 1Page - Power Semiconductors AR771HT Datasheet HTML 2Page - Power Semiconductors AR771HT Datasheet HTML 3Page - Power Semiconductors AR771HT Datasheet HTML 4Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AR771HT RECTIFIER DIODE
FINAL SPECIFICATION
lug 02 - ISSUE : 02
DISSIPATION CHARACTERISTICS
SQUARE WAVE
DC
180°
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000
0
1000
2000
3000
4000
5000
6000
IF(AV) [A]
PF(AV) [W]
120°
90°
60°
30°
DC
60°
30°
50
60
70
80
90
100
110
120
130
140
150
0
1000
2000
3000
4000
5000
6000
IF(AV) [A]
Th [°C]
120°
180°
90°
POSEICO SPA
POwer SEmiconductors Italian COrporation
POSEICO



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com