Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC405GP-3BE133C Datasheet(PDF) 8 Page - Applied Micro Circuits Corporation

Part # PPC405GP-3BE133C
Description  Power PC 405GP Embedded Processor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405GP-3BE133C Datasheet(HTML) 8 Page - Applied Micro Circuits Corporation

Back Button PPC405GP-3BE133C Datasheet HTML 4Page - Applied Micro Circuits Corporation PPC405GP-3BE133C Datasheet HTML 5Page - Applied Micro Circuits Corporation PPC405GP-3BE133C Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC405GP-3BE133C Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC405GP-3BE133C Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC405GP-3BE133C Datasheet HTML 9Page - Applied Micro Circuits Corporation PPC405GP-3BE133C Datasheet HTML 10Page - Applied Micro Circuits Corporation PPC405GP-3BE133C Datasheet HTML 11Page - Applied Micro Circuits Corporation PPC405GP-3BE133C Datasheet HTML 12Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
405GP – Power PC 405GP Embedded Processor
8
AMCC
Revision 2.03 – September 7, 2007
Data Sheet
DCR Address Map 4KB Device Configuration Registers
Function
Start Address
End Address
Size
Total DCR Address Space1
0x000
0x3FF
1KW (4KB)1
By function:
Reserved
0x000
0x00F
16W
Memory Controller Registers
0x010
0x011
2W
External Bus Controller Registers
0x012
0x013
2W
Decompression Controller Registers
0x014
0x015
2W
Reserved
0x016
0x017
2W
On-Chip Memory Controller Registers
0x018
0x01F
8W
Reserved
0x020
0x07F
96W
PLB Registers
0x080
0x08F
16W
Reserved
0x090
0x09F
16W
OPB Bridge Out Registers
0x0A0
0x0A7
8W
Reserved
0x0A8
0x0AF
6W
Clock, Control, and Reset
0x0B0
0x0B7
8W
Power Management
0x0B8
0x0BF
8W
Interrupt Controller
0x0C0
0x0CF
16W
Reserved
0x0D0
0x0FF
48W
DMA Controller Registers
0x100
0x13F
64W
Reserved
0x140
0x17F
64W
Ethernet MAL Registers
0x180
0x1FF
128W
Reserved
0x200
0x3FF
512W
Notes:
1. DCR address space is addressable with up to 10 bits (1024 or 1K unique addresses). Each unique address represents a single 32-bit
(word) register, or 1 kiloword (KW) (which equals 4 KB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com