Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC405GP-3FE133C Datasheet(PDF) 12 Page - Applied Micro Circuits Corporation

Part # PPC405GP-3FE133C
Description  Power PC 405GP Embedded Processor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405GP-3FE133C Datasheet(HTML) 12 Page - Applied Micro Circuits Corporation

Back Button PPC405GP-3FE133C Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC405GP-3FE133C Datasheet HTML 9Page - Applied Micro Circuits Corporation PPC405GP-3FE133C Datasheet HTML 10Page - Applied Micro Circuits Corporation PPC405GP-3FE133C Datasheet HTML 11Page - Applied Micro Circuits Corporation PPC405GP-3FE133C Datasheet HTML 12Page - Applied Micro Circuits Corporation PPC405GP-3FE133C Datasheet HTML 13Page - Applied Micro Circuits Corporation PPC405GP-3FE133C Datasheet HTML 14Page - Applied Micro Circuits Corporation PPC405GP-3FE133C Datasheet HTML 15Page - Applied Micro Circuits Corporation PPC405GP-3FE133C Datasheet HTML 16Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 59 page
background image
405GP – Power PC 405GP Embedded Processor
12
AMCC
Revision 2.03 – September 7, 2007
Data Sheet
IIC Bus Interface
• Compliant with Philips® Semiconductors I2C Specification, dated 1995
• Operation at 100kHz or 400kHz
•8-bit data
• 10- or 7-bit address
• Slave transmitter and receiver
• Master transmitter and receiver
• Multiple bus masters
• Supports fixed VDD IIC interface
• Two independent 4 x 1 byte data buffers
• Twelve memory-mapped, fully programmable configuration registers
• One programmable interrupt request signal
• Provides full management of all IIC bus protocol
• Programmable error recovery
General Purpose IO (GPIO) Controller
• Controller functions and GPIO registers are programmed and accessed via memory-mapped OPB bus master
accesses
• 23 GPIOs are pin-shared with other functions. DCRs control whether a particular pin that has GPIO capabilities
acts as a GPIO or is used for another purpose. The 23 GPIOs are multiplexed with:
- 7 of 8 chip selects
- All seven external interrupts
- All nine instruction trace pins
• Each GPIO output is separately programmable to emulate an open-drain driver (i.e., drives to zero, three-
stated if output bit is 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com