Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC405GPR-3DB266 Datasheet(PDF) 28 Page - Applied Micro Circuits Corporation

Part # PPC405GPR-3DB266
Description  Power PC 405GPr Embedded Processor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405GPR-3DB266 Datasheet(HTML) 28 Page - Applied Micro Circuits Corporation

Back Button PPC405GPR-3DB266 Datasheet HTML 24Page - Applied Micro Circuits Corporation PPC405GPR-3DB266 Datasheet HTML 25Page - Applied Micro Circuits Corporation PPC405GPR-3DB266 Datasheet HTML 26Page - Applied Micro Circuits Corporation PPC405GPR-3DB266 Datasheet HTML 27Page - Applied Micro Circuits Corporation PPC405GPR-3DB266 Datasheet HTML 28Page - Applied Micro Circuits Corporation PPC405GPR-3DB266 Datasheet HTML 29Page - Applied Micro Circuits Corporation PPC405GPR-3DB266 Datasheet HTML 30Page - Applied Micro Circuits Corporation PPC405GPR-3DB266 Datasheet HTML 31Page - Applied Micro Circuits Corporation PPC405GPR-3DB266 Datasheet HTML 32Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 57 page
background image
405GPr – Power PC 405GPr Embedded Processor
28
AMCC
Revision 2.04 – September 7, 2007
Data Sheet
Signal List
The following table provides a summary of the number of package pins associated with each functional interface
group.
Multiplexed Pins
In the table “Signal Functional Description” on page 30, each external signal is listed along with a description of the
signal function. Some signals are multiplexed on the same pin (ball) so that the pin can be used for different
functions. Multiplexed signals are shown as a default signal with a secondary signal in square brackets (for
example, GPIO1[TS1E]). Active-low signals (for example, RAS) are marked with an overline.
It is expected that in any single application a particular pin will always be programmed to serve the same function.
The flexibility of multiplexing allows a single chip to offer a richer pin selection than would otherwise be possible.
In addition to multiplexing, many pins are also multi-purpose. For example, the EBC peripheral controller address
pins are used as outputs by the PPC405GPr to broadcast an address to external slave devices when the
PPC405GPr has control of the external bus. When, during the course of normal chip operation, an external master
gains ownership of the external bus, these same pins are used as inputs which are driven by the external master
and received by the EBC in the PPC405GPr. In this example, the pins are also bidirectional, serving as both inputs
and outputs.
Intialization Strapping
One group of pins is used as strapped inputs during system reset. These pins function as strapped inputs only
during reset and are used for other functions during normal operation (see “Strapping” on page 51). Note that the
use of these pins for strapping is not considered multiplexing since the strapping function is not programmable.
Pin Summary
Group
No. of Pins
PCI
60
Ethernet
18
SDRAM
71
External peripheral
96
External master
9
Internal peripheral
15
Interrupts
7
JTAG
5
System
18
Total Signal Pins
299
OVDD
32
VDD
24
Gnd
59
Thermal (and Gnd)
36
Reserved
6
Total Pins
456



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com