Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

440EPX Datasheet(PDF) 21 Page - Applied Micro Circuits Corporation

Part # 440EPX
Description  PowerPC 440EPx Embedded Processor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440EPX Datasheet(HTML) 21 Page - Applied Micro Circuits Corporation

Back Button 440EPX Datasheet HTML 17Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 18Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 19Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 20Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 21Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 22Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 23Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 24Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 25Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 94 page
background image
440EPx – PPC440EPx Embedded Processor
Revision 1.26 – October 15, 2007
AMCC Proprietary
21
Preliminary Data Sheet
Signal Lists
The following table lists all the external signals in alphabetical order and shows the ball (pin) number on which the
signal appears. Multiplexed signals are shown with the default signal (following reset) not in brackets and alternate
signals in brackets. Multiplexed signals appear alphabetically multiple times in the list—once for each signal name
on the ball. The page number listed gives the page in Table 8 on page 57 where the signals in the indicated
interface group begin. In cases where signals in the same interface group (for example, Ethernet) have different
names to distinguish variations in the mode of operation, the names are separated by a comma with the primary
mode name appearing first. In cases where the signals have the same function but are associated with different
ports (for example, UART), the signals are separated by a slash (/). These signals are listed only once, and appear
alphabetically by the primary mode or primary port name.
Alphabetical Signal List
Table 5. Signals Listed Alphabetically (Sheet 1 of 25)
Signal Name
Ball
Interface Group
Page
AGND
AP25
Power
65
AVDD
AP24
BA0
AJ03
DDR SDRAM
58
BA1
AK03
BA2
AP08
BankSel0
AH02
DDR SDRAM
58
BankSel1
AH01
[BusReq][USB2TermSel]GPIO31
P04
External Master Peripheral
61
CAS
AH04
DDR SDRAM
58
ClkEn
AN09
DDR SDRAM
58
DM0
AL21
DDR SDRAM
58
DM1
AM18
DM2
AP15
DM3
AL14
DM4
AE04
DM5
AB03
DM6
Y01
DM7
U03
DM8
AN10
[DMAAck0][IRQ8]GPIO47
T34
External Slave Peripheral
60
[DMAAck1][IRQ4]GPIO44
V32
[DMAAck2][PerAddr06]GPIO01
C25
[DMAAck3][PerAddr03]GPIO04
D26
[DMAReq0][IRQ7]GPIO46
U32
External Slave Peripheral
60
[DMAReq1]IRQ5[ModeCtrl]
W34
[DMAReq2][PerAddr07]GPIO00
B25
[DMAReq3][PerAddr04]GPIO03
A26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com