Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC405GP-3BE200CZ Datasheet(PDF) 18 Page - Applied Micro Circuits Corporation

Part # PPC405GP-3BE200CZ
Description  Power PC 405GP Embedded Processor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405GP-3BE200CZ Datasheet(HTML) 18 Page - Applied Micro Circuits Corporation

Back Button PPC405GP-3BE200CZ Datasheet HTML 14Page - Applied Micro Circuits Corporation PPC405GP-3BE200CZ Datasheet HTML 15Page - Applied Micro Circuits Corporation PPC405GP-3BE200CZ Datasheet HTML 16Page - Applied Micro Circuits Corporation PPC405GP-3BE200CZ Datasheet HTML 17Page - Applied Micro Circuits Corporation PPC405GP-3BE200CZ Datasheet HTML 18Page - Applied Micro Circuits Corporation PPC405GP-3BE200CZ Datasheet HTML 19Page - Applied Micro Circuits Corporation PPC405GP-3BE200CZ Datasheet HTML 20Page - Applied Micro Circuits Corporation PPC405GP-3BE200CZ Datasheet HTML 21Page - Applied Micro Circuits Corporation PPC405GP-3BE200CZ Datasheet HTML 22Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 59 page
background image
405GP – Power PC 405GP Embedded Processor
18
AMCC
Revision 2.03 – September 7, 2007
Data Sheet
EMCTxEn
J21
K23
Ethernet
36
EMCTxErr
K20
K25
Ethernet
36
EOT0/TC0
EOT1/TC1
EOT2/TC2
EOT3/TC3
C2
G4
U3
V3
F3
G2
V2
Y1
External Slave Peripheral
37
ExtAck
U4
Y3
External Master Peripheral
39
ExtReq
V4
Y4
External Master Peripheral
39
ExtReset
R2
T3
External Master Peripheral
39
GND
A1
A6
A18
A23
C14
D14
F1
F23
J11
J13
K11-K13
L1
L4
L11-L13
M4
M11-M13
M20
N11-N13
N20
N23
P11-P13
R11
R13
V1
V23
Y10
AA10
AC1
AC6
AC18
AC23
A1
A2
A6
A11
A16
A191
A21
A26
B2
B25
B26
C3
C24
D4
D23
E5
E9
E13
E14
E18
E22
F1
F26
H11
J5
J22
L1
L11-L16
L26
M11-M16
N5
N11-N16
N22
P5
P11-P16
P22
R11-R16
T1
T11-T16
T26
V5
V22
W261
AA1
AA26
AB5
Ground
Notes:
1. Reserved on 27mm package. GND on 35mm package.
2. On the 456-ball packages, L11-L16, M11-M16, N11-N16, P11-P16,
R11-R16, and T11-T16 are also thermal balls.
3. On the 413-ball package, J11, J13, K11-K13, L11-L13, M11-N13,
N11-N13, P11-P13, R11, and R13 are also thermal balls.
42
Signals Listed Alphabetically (Part 2 of 10)
Signal Name
413-Ball
456-Ball
Interface Group
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com