Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC405GPR-3KB266Z Datasheet(PDF) 1 Page - Applied Micro Circuits Corporation

Part # PPC405GPR-3KB266Z
Description  Power PC 405GPr Embedded Processor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405GPR-3KB266Z Datasheet(HTML) 1 Page - Applied Micro Circuits Corporation

  PPC405GPR-3KB266Z Datasheet HTML 1Page - Applied Micro Circuits Corporation PPC405GPR-3KB266Z Datasheet HTML 2Page - Applied Micro Circuits Corporation PPC405GPR-3KB266Z Datasheet HTML 3Page - Applied Micro Circuits Corporation PPC405GPR-3KB266Z Datasheet HTML 4Page - Applied Micro Circuits Corporation PPC405GPR-3KB266Z Datasheet HTML 5Page - Applied Micro Circuits Corporation PPC405GPR-3KB266Z Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC405GPR-3KB266Z Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC405GPR-3KB266Z Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC405GPR-3KB266Z Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
Part Number 405GPr
Revision 2.04 – September 7, 2007
AMCC
1
405GPr
Power PC 405GPr Embedded Processor
Data Sheet
Features
•PowerPC® 405 32-bit RISC processor core
operating up to 400MHz with 16KB I- and
D-caches
• Synchronous DRAM (SDRAM) interface operating
up to 133MHz
- 32-bit interface for non-ECC applications
- 40-bit interface serves 32 bits of data plus 8
check bits for ECC applications
• 4KB on-chip memory (OCM)
• External peripheral bus
- Flash ROM/Boot ROM interface
- Direct support for 8-, 16-, or 32-bit SRAM and
external peripherals
- Up to eight devices
- External Mastering supported
• DMA support for external peripherals, internal
UART and memory
- Scatter-gather chaining supported
- Four channels
• PCI Revision 2.2 compliant interface (32-bit, up to
66MHz)
- Synchronous or asynchronous PCI Bus
interface
- Internal or external PCI Bus Arbiter
• Ethernet 10/100Mbps (full-duplex) support with
media independent interface (MII)
• Programmable interrupt controller supports 13
external and 19 internal edge triggered or level-
sensitive interrupts
• Programmable timers
• Two serial ports (16550 compatible UART)
• One IIC interface
• General purpose I/O (GPIO) available
• Supports JTAG for board level testing
• Internal processor local Bus (PLB) runs at SDRAM
interface frequency
• Supports PowerPC processor boot from PCI
memory
• Unique software-accessible 64-bit chip ID number
(ECID).
Description
Designed specifically to address embedded
applications, the PowerPC 405GPr (PPC405GPr)
provides a high-performance, low-power solution that
interfaces to a wide range of peripherals by
incorporating on-chip power management features
and lower power dissipation requirements.
This chip contains a high-performance RISC
processor core, SDRAM controller, PCI bus interface,
Ethernet interface, control for external ROM and
peripherals, DMA with scatter-gather support, serial
ports, IIC interface, and general purpose I/O.
Technology: CMOS SA-27E, 0.18
μm
(0.11
μm L
eff)
Package: 456-ball (35mm or 27mm) enhanced plastic
ball grid array (E-PBGA) in both leaded and lead-free
versions
Power (typical): 0.72W at 266MHz


Similar Part No. - PPC405GPR-3KB266Z

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
PPC405GP-3BE133C AMCC-PPC405GP-3BE133C Datasheet
1Mb / 59P
Power PC 405GP Embedded Processor
PPC405GP-3BE133CZ AMCC-PPC405GP-3BE133CZ Datasheet
1Mb / 59P
Power PC 405GP Embedded Processor
PPC405GP-3BE200C AMCC-PPC405GP-3BE200C Datasheet
1Mb / 59P
Power PC 405GP Embedded Processor
PPC405GP-3BE200CZ AMCC-PPC405GP-3BE200CZ Datasheet
1Mb / 59P
Power PC 405GP Embedded Processor
PPC405GP-3BE266C AMCC-PPC405GP-3BE266C Datasheet
1Mb / 59P
Power PC 405GP Embedded Processor
More results

Similar Description - PPC405GPR-3KB266Z

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
405GP AMCC-405GP Datasheet
1Mb / 59P
Power PC 405GP Embedded Processor
440EP AMCC-440EP Datasheet
1Mb / 84P
Power PC 440EP Embedded Processor
440GP AMCC-440GP Datasheet
1Mb / 83P
Power PC 440GP Embedded Processor
440GR AMCC-440GR Datasheet
1Mb / 82P
Power PC 440GR Embedded Processor
440GX AMCC-440GX Datasheet
1Mb / 93P
Power PC 440GX Embedded Processor
logo
Beckhoff Automation Gmb...
CX5120 BECKHOFF-CX5120 Datasheet
211Kb / 5P
Embedded PC with Intel Atom짰 processor
CX5130 BECKHOFF-CX5130 Datasheet
225Kb / 5P
Embedded PC with Intel Atom짰 processor
CX5140 BECKHOFF-CX5140 Datasheet
225Kb / 5P
Embedded PC with Intel Atom짰 processor
CX5230 BECKHOFF-CX5230 Datasheet
209Kb / 4P
Embedded PC with Intel Atom짰 processor
CX5240 BECKHOFF-CX5240 Datasheet
209Kb / 4P
Embedded PC with Intel Atom짰 processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com