Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC405GPR-3JB333Z Datasheet(PDF) 51 Page - Applied Micro Circuits Corporation

Part # PPC405GPR-3JB333Z
Description  Power PC 405GPr Embedded Processor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405GPR-3JB333Z Datasheet(HTML) 51 Page - Applied Micro Circuits Corporation

Back Button PPC405GPR-3JB333Z Datasheet HTML 47Page - Applied Micro Circuits Corporation PPC405GPR-3JB333Z Datasheet HTML 48Page - Applied Micro Circuits Corporation PPC405GPR-3JB333Z Datasheet HTML 49Page - Applied Micro Circuits Corporation PPC405GPR-3JB333Z Datasheet HTML 50Page - Applied Micro Circuits Corporation PPC405GPR-3JB333Z Datasheet HTML 51Page - Applied Micro Circuits Corporation PPC405GPR-3JB333Z Datasheet HTML 52Page - Applied Micro Circuits Corporation PPC405GPR-3JB333Z Datasheet HTML 53Page - Applied Micro Circuits Corporation PPC405GPR-3JB333Z Datasheet HTML 54Page - Applied Micro Circuits Corporation PPC405GPR-3JB333Z Datasheet HTML 55Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 57 page
background image
405GPr – Power PC 405GPr Embedded Processor
AMCC
51
Revision 2.04 – September 7, 2007
Data Sheet
Strapping
When the SysReset input is driven low by an external device (system reset), the state of certain I/O pins is read to
enable default initial conditions prior to PPC405GPr start-up. The actual capture instant is the nearest SysClk edge
before the deassertion of reset. These pins must be strapped using external pull-up (logical 1) or pull-down
(logical 0) resistors to select the desired default conditions. The recommended pull-up is 3k
Ω to +3.3V or 10kΩ to
+5V. The recommended pull-down is 1K
Ω to GND. These pins are use for strap functions only during reset. They
are used for other signals during normal operation. The following tables list the strapping pins along with their
functions and strapping options. The signal names assigned to the pins for normal operation follow the pin
number.
The PPC405GPr can be used as a replacement for the PPC405GP. When the PPC405GPr is used for this
purpose, it should be strapped to operate in the PPC405GPr Legacy Mode. This option is selected by strapping
ball D20 (GPIO24) low (0). If Legacy Mode is selected, the “PPC405GPr Legacy Mode Strapping Pin Assignments”
table should be used to determine the strapping options. To operate the chip as a PPC405GPr, strap D20
(GPIO24) high (1) and use “PPC405GPr New Mode Strapping Pin Assignments” on page 53 to determine the
strapping options.
PPC405GPr Legacy Mode Strapping Pin Assignments (Sheet 1 of 2)
Function
Option
Ball Strapping
PLL Tuning 1
for 6
M 7 use choice 3
for 7 < M
12 use choice 5
for 12 < M
32 use choice 6
AF3
UART0_Tx
AF2
UART0_DTR
AD16
UART0_RTS
Choice 1; TUNE[9:0] = 1010111100
0
0
0
Choice 2; TUNE[9:0] = 0100111000
0
0
1
Choice 3; TUNE[9:0] = 0100110110
0
1
0
Choice 4; TUNE[9:0] = 0100111100
0
1
1
Choice 5; TUNE[9:0] = 0100111000
1
0
0
Choice 6; TUNE[9:0] = 1000111100
1
0
1
Choice 7; TUNE[9:0] = 1000111110
1
1
0
Choice 8; TUNE[9:0] = 1011111110
1
1
1
PLL Forward Divider 2
D16
DMAAck0
B15
DMAAck1
Bypass mode
0
0
Divide by 3
0
1
Divide by 4
1
0
Divide by 6
1
1
PLL Feedback Divider 2
B14
DMAAck2
C12
DMAAck3
Divide by 1
0
0
Divide by 2
0
1
Divide by 3
1
0
Divide by 4
1
1
PLB Divider from CPU 2
P25
EMCTxD3
L24
EMCTxD2
Divide by 1
0
0
Divide by 2
0
1
Divide by 3
1
0
Divide by 4
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com