Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440GP-3CC400CZ Datasheet(PDF) 16 Page - Applied Micro Circuits Corporation

Part # PPC440GP-3CC400CZ
Description  Power PC 440GP Embedded Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GP-3CC400CZ Datasheet(HTML) 16 Page - Applied Micro Circuits Corporation

Back Button PPC440GP-3CC400CZ Datasheet HTML 12Page - Applied Micro Circuits Corporation PPC440GP-3CC400CZ Datasheet HTML 13Page - Applied Micro Circuits Corporation PPC440GP-3CC400CZ Datasheet HTML 14Page - Applied Micro Circuits Corporation PPC440GP-3CC400CZ Datasheet HTML 15Page - Applied Micro Circuits Corporation PPC440GP-3CC400CZ Datasheet HTML 16Page - Applied Micro Circuits Corporation PPC440GP-3CC400CZ Datasheet HTML 17Page - Applied Micro Circuits Corporation PPC440GP-3CC400CZ Datasheet HTML 18Page - Applied Micro Circuits Corporation PPC440GP-3CC400CZ Datasheet HTML 19Page - Applied Micro Circuits Corporation PPC440GP-3CC400CZ Datasheet HTML 20Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 83 page
background image
440GP – Power PC 440GP Embedded Processor
16
AMCC
Revision 1.07 – October 4, 2007
Data Sheet
25mm, 552-Ball Ceramic (CBGA) Package
Top View
Bottom View
Notes: 1. All dimensions are in mm.
A1 Corner
13 5
7
911 13 15 17 19
2 4
6 810 12 14 16 18
21 23
20 22 24
A
B
C
D
E
F
G
H
J
K
L
M
AA
N
P
R
T
U
V
W
Y
AB
AC
AD
25.0 ± 0.2
1.00 TYP
25.0 ± 0.2
0.8 ± 0.04 SOLDERBALL x 552
23.0
Capacitor
8.04
Chip
1.95 MAX
1.65 MIN
3.80 MAX
0.8 TYP
2. RoHS compliant reduced-lead package available.
(0.7 ± 0.1)
(3.488)
(0.5 ± 0.1)
(1.98)
(1.62)
3. Reduced-lead package dimensions are in parentheses (dimension).
Part Number
Lot Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com