Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440GP-3CC466CZ Datasheet(PDF) 58 Page - Applied Micro Circuits Corporation

Part # PPC440GP-3CC466CZ
Description  Power PC 440GP Embedded Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GP-3CC466CZ Datasheet(HTML) 58 Page - Applied Micro Circuits Corporation

Back Button PPC440GP-3CC466CZ Datasheet HTML 54Page - Applied Micro Circuits Corporation PPC440GP-3CC466CZ Datasheet HTML 55Page - Applied Micro Circuits Corporation PPC440GP-3CC466CZ Datasheet HTML 56Page - Applied Micro Circuits Corporation PPC440GP-3CC466CZ Datasheet HTML 57Page - Applied Micro Circuits Corporation PPC440GP-3CC466CZ Datasheet HTML 58Page - Applied Micro Circuits Corporation PPC440GP-3CC466CZ Datasheet HTML 59Page - Applied Micro Circuits Corporation PPC440GP-3CC466CZ Datasheet HTML 60Page - Applied Micro Circuits Corporation PPC440GP-3CC466CZ Datasheet HTML 61Page - Applied Micro Circuits Corporation PPC440GP-3CC466CZ Datasheet HTML 62Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 83 page
background image
440GP – Power PC 440GP Embedded Processor
58
AMCC
Revision 1.07 – October 4, 2007
Data Sheet
Recommended DC Operating Conditions
Device operation beyond the conditions specified is not recommended. Extended operation beyond the recommended
conditions can affect device reliability.
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Logic Supply Voltage
VDD
+1.7
+1.8
+1.9
V
4
I/O Supply Voltage
OVDD
+3.0
+3.3
+3.6
V
4
DDR SDRAM Supply Voltage (DDR clock up to 166MHz)
SVDD
+2.3
+2.5
+2.7
V
4
PLL Supply Voltages
AxVDD
+1.65
+1.8
+1.95
V
3
DDR SDRAM Reference Voltage
SVREF
+1.15
+1.25
+1.35
V
3
Input Logic High (2.5V SSTL)
VIH
SVREF+0.18
SVDD+0.3
V2
Input Logic High (3.3V PCI-X)
0.5OVDD
OVDD+0.5
V1
Input Logic High (3.3V LVTTL, 5V tolerant receiver)
+2.0
+5.5
V
Input Logic Low (2.5V SSTL)
VIL
-0.3
SVREF-0.18
V
Input Logic Low (3.3V PCI-X)
-0.5
0.35OVDD
V1
Input Logic Low (3.3V LVTTL, 5V tolerant receiver)
0
+0.8
V
Output Logic High (2.5V SSTL)
VOH
+1.95
SVDD
V
Output Logic High (3.3V PCI-X)
0.9OVDD
OVDD
V1
Output Logic High (3.3V LVTTL, 5V tolerant receiver)
+2.4
OVDD
V
Output Logic Low (2.5V SSTL)
VOL
00.55
V
Output Logic Low (3.3V PCI-X)
0.1OVDD
V1
Output Logic Low (3.3V LVTTL, 5V tolerant receiver)
0
+0.4
V
Input Leakage Current (No pull-up or pull-down)
IIL1
00
μA
Input Leakage Current for Pull-Down
IIL2
0 (LPDL)
200 (MPUL)
μA
5
Input Leakage Current for Pull-Up
IIL3
-150 (LPDL)
0 (MPUL)
μA
5
Input Max Allowable Overshoot (3.3V LVTTL, 5V tolerant
receiver)
VIMAO
+5.5
V
Input Max Allowable Undershoot (3.3V LVTTL, 5V tolerant
receiver)
VIMAU
-0.6
V
Output Max Allowable Overshoot (3.3V LVTTL, 5V tolerant
receiver)
VOMAO
+5.5
V
Output Max Allowable Undershoot (3.3V LVTTL,
5V tolerant receiver)
VOMAU3
-0.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com