Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC405GPR-3JB400 Datasheet(PDF) 4 Page - Applied Micro Circuits Corporation

Part # PPC405GPR-3JB400
Description  Power PC 405GPr Embedded Processor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405GPR-3JB400 Datasheet(HTML) 4 Page - Applied Micro Circuits Corporation

  PPC405GPR-3JB400 Datasheet HTML 1Page - Applied Micro Circuits Corporation PPC405GPR-3JB400 Datasheet HTML 2Page - Applied Micro Circuits Corporation PPC405GPR-3JB400 Datasheet HTML 3Page - Applied Micro Circuits Corporation PPC405GPR-3JB400 Datasheet HTML 4Page - Applied Micro Circuits Corporation PPC405GPR-3JB400 Datasheet HTML 5Page - Applied Micro Circuits Corporation PPC405GPR-3JB400 Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC405GPR-3JB400 Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC405GPR-3JB400 Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC405GPR-3JB400 Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
405GPr – Power PC 405GPr Embedded Processor
4
AMCC
Revision 2.04 – September 7, 2007
Data Sheet
Ordering, PVR, and JTAG Information
The part number contains a revision code. This refers to the die mask revision number and is included in the part
numbering scheme for identification purposes only.
The PVR (Processor Version Register) is software accessible and contains additional information about the
revision level of the part. Refer to the PowerPC 405GPr Embedded Processor User’s Manual for details on the
register content.
Product Name
Order Part Number1
Processor Fre-
quency
Package
Rev
Level
PVR Value
JTAG ID
PPC405GPr
PPC405GPr-3BB266
266MHz
35mm, 456 E-PBGA
B
0x50910951
0x24088049
PPC405GPr
PPC405GPr-3JB266
266MHz
35mm, 456 E-PBGA
B
0x50910951
0x24088049
PPC405GPr
PPC405GPr-3BB266Z
266MHz
35mm, 456 E-PBGA
B
0x50910951
0x24088049
PPC405GPr
PPC405GPr-3JB266Z
266MHz
35mm, 456 E-PBGA
B
0x50910951
0x24088049
PPC405GPr
PPC405GPr-3DB266
266MHz
27mm, 456 E-PBGA
B
0x50910951
0x24088049
PPC405GPr
PPC405GPr-3KB266
266MHz
27mm, 456 E-PBGA
B
0x50910951
0x24088049
PPC405GPr
PPC405GPr-3DB266Z
266MHz
27mm, 456 E-PBGA
B
0x50910951
0x24088049
PPC405GPr
PPC405GPr-3KB266Z
266MHz
27mm, 456 E-PBGA
B
0x50910951
0x24088049
PPC405GPr
PPC405GPr-3BB333
333MHz2
35mm, 456 E-PBGA
B
0x50910951
0x24088049
PPC405GPr
PPC405GPr-3JB333
333MHz2
35mm, 456 E-PBGA
B
0x50910951
0x24088049
PPC405GPr
PPC405GPr-3BB333Z
333MHz2
35mm, 456 E-PBGA
B
0x50910951
0x24088049
PPC405GPr
PPC405GPr-3JB333Z
333MHz2
35mm, 456 E-PBGA
B
0x50910951
0x24088049
PPC405GPr
PPC405GPr-3DB333
333MHz2
27mm, 456 E-PBGA
B
0x50910951
0x24088049
PPC405GPr
PPC405GPr-3KB333
333MHz2
27mm, 456 E-PBGA
B
0x50910951
0x24088049
PPC405GPr
PPC405GPr-3DB333Z
333MHz2
27mm, 456 E-PBGA
B
0x50910951
0x24088049
PPC405GPr
PPC405GPr-3KB333Z
333MHz2
27mm, 456 E-PBGA
B
0x50910951
0x24088049
PPC405GPr
PPC405GPr-3BB400
400MHz
35mm, 456 E-PBGA
B
0x50910951
0x24088049
PPC405GPr
PPC405GPr-3JB400
400MHz
35mm, 456 E-PBGA
B
0x50910951
0x24088049
PPC405GPr
PPC405GPr-3BB400Z
400MHz
35mm, 456 E-PBGA
B
0x50910951
0x24088049
PPC405GPr
PPC405GPr-3JB400Z
400MHz
35mm, 456 E-PBGA
B
0x50910951
0x24088049
PPC405GPr
PPC405GPr-3DB400
400MHz
27mm, 456 E-PBGA
B
0x50910951
0x24088049
PPC405GPr
PPC405GPr-3KB400
400MHz
27mm, 456 E-PBGA
B
0x50910951
0x24088049
PPC405GPr
PPC405GPr-3DB400Z
400MHz
27mm, 456 E-PBGA
B
0x50910951
0x24088049
PPC405GPr
PPC405GPr-3KB400Z
400MHz
27mm, 456 E-PBGA
B
0x50910951
0x24088049
Notes
1: Z at the end of the Order Part Number indicates a tape-and-reel shipping package. Otherwise, the chips are shipped in a tray.
2. If the 333MHz parts are operated at 266MHz or less, the operational temperature range is extended to 105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com