Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440GP-3FC400C Datasheet(PDF) 4 Page - Applied Micro Circuits Corporation

Part # PPC440GP-3FC400C
Description  Power PC 440GP Embedded Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GP-3FC400C Datasheet(HTML) 4 Page - Applied Micro Circuits Corporation

  PPC440GP-3FC400C Datasheet HTML 1Page - Applied Micro Circuits Corporation PPC440GP-3FC400C Datasheet HTML 2Page - Applied Micro Circuits Corporation PPC440GP-3FC400C Datasheet HTML 3Page - Applied Micro Circuits Corporation PPC440GP-3FC400C Datasheet HTML 4Page - Applied Micro Circuits Corporation PPC440GP-3FC400C Datasheet HTML 5Page - Applied Micro Circuits Corporation PPC440GP-3FC400C Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC440GP-3FC400C Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC440GP-3FC400C Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC440GP-3FC400C Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 83 page
background image
440GP – Power PC 440GP Embedded Processor
4
AMCC
Revision 1.07 – October 4, 2007
Data Sheet
Ordering and PVR Information
For information on the availability of the following parts, contact your local AMCC sales office.
Each part number contains a revision code. This is the die mask revision number and is included in the part
number for identification purposes only.
The PVR (Processor Version Register) and the JTAG ID register are software accessible (read-only) and contain
information that uniquely identifies the part. Refer to the PPC440GP User’s Manual for details on accessing these
registers.
Order Part Numbers
Product
Name
Order Part Number
(See Notes and Key drawing)
Processor
Frequency
Package
Rev
Level
PVR Value
JTAG ID
PPC440GP
PPC440GP-3CC333C
333MHz
25mm, 552 CBGA
C
0x40120481
0x22052049
PPC440GP
PPC440GP-3CC400C
400MHz
25mm, 552 CBGA
C
0x40120481
0x22052049
PPC440GP
PPC440GP-3CC400CZ
400MHz
25mm, 552 CBGA
C
0x40120481
0x22052049
PPC440GP
PPC440GP-3CC400E
400MHz
25mm, 552 CBGA
C
0x40120481
0x22052049
PPC440GP
PPC440GP-3CC400EZ
400MHz
25mm, 552 CBGA
C
0x40120481
0x22052049
PPC440GP
PPC440GP-3CC466C
466MHz
25mm, 552 CBGA
C
0x40120481
0x22052049
PPC440GP
PPC440GP-3CC466CZ
466MHz
25mm, 552 CBGA
C
0x40120481
0x22052049
PPC440GP
PPC440GP-3CC500C
500MHz
25mm, 552 CBGA
C
0x40120481
0x22052049
PPC440GP
PPC440GP-3CC500CZ
500MHz
25mm, 552 CBGA
C
0x40120481
0x22052049
PPC440GP
PPC440GP-3FC400C
400MHz
25mm, 552 PBGA
C
0x40120481
0x22052049
PPC440GP
PPC440GP-3RC333C
333MHz
25mm, 552 CBGA
C
0x40120481
0x22052049
PPC440GP
PPC440GP-3RC400C
400MHz
25mm, 552 CBGA
C
0x40120481
0x22052049
PPC440GP
PPC440GP-3RC400CZ
400MHz
25mm, 552 CBGA
C
0x40120481
0x22052049
PPC440GP
PPC440GP-3RC400E
400MHz
25mm, 552 CBGA
C
0x40120481
0x22052049
PPC440GP
PPC440GP-3RC466C
466MHz
25mm, 552 CBGA
C
0x40120481
0x22052049
PPC440GP
PPC440GP-3RC466CZ
466MHz
25mm, 552 CBGA
C
0x40120481
0x22052049
PPC440GP
PPC440GP-3RC500C
500MHz
25mm, 552 CBGA
C
0x40120481
0x22052049
PPC440GP
PPC440GP-3RC500CZ
500MHz
25mm, 552 CBGA
C
0x40120481
0x22052049
Notes:
1. Package code: C = leaded ceramic, F = plastic, R = reduced-lead ceramic (RoHS compliant),.
2. Case Temperature Range code: C = -40 °C to +85 °C, E = -40 °C to +105 °C for C package and -40 °C to +100 °C for F package.
3. Z at the end of the Order Part Number indicates a tape-and-reel shipping package. Otherwise, the chips are shipped in a tray.
4. Revision code: C = rev 2.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com