Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440GX-3CF800CZ Datasheet(PDF) 4 Page - Applied Micro Circuits Corporation

Part # PPC440GX-3CF800CZ
Description  Power PC 440GX Embedded Processor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GX-3CF800CZ Datasheet(HTML) 4 Page - Applied Micro Circuits Corporation

  PPC440GX-3CF800CZ Datasheet HTML 1Page - Applied Micro Circuits Corporation PPC440GX-3CF800CZ Datasheet HTML 2Page - Applied Micro Circuits Corporation PPC440GX-3CF800CZ Datasheet HTML 3Page - Applied Micro Circuits Corporation PPC440GX-3CF800CZ Datasheet HTML 4Page - Applied Micro Circuits Corporation PPC440GX-3CF800CZ Datasheet HTML 5Page - Applied Micro Circuits Corporation PPC440GX-3CF800CZ Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC440GX-3CF800CZ Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC440GX-3CF800CZ Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC440GX-3CF800CZ Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 93 page
background image
440GX – Power PC 440GX Embedded Processor
4
AMCC
Revision 1.15 – August 30, 2007
Data Sheet
Ordering and PVR Information
For information on the availability of the following parts, contact your local AMCC sales office.
Order Part Numbers
Product
Name
Order Part Number
(See Notes and Key drawing)
Processor
Frequency
Package
Rev
Level
PVR Value
JTAG ID
PPC440GX
PPC440GX-3CC533S
533MHz
25mm, 552 CBGA
C
0x51B21892
0x32054049
PPC440GX
PPC440GX-3CC667S
667MHz
25mm, 552 CBGA
C
0x51B21892
0x32054049
PPC440GX
PPC440GX-3CF400C
400MHz
25mm, 552 CBGA
F
0x51B21894
0x52054049
PPC440GX
PPC440GX-3CF533C
533MHz
25mm, 552 CBGA
F
0x51B21894
0x52054049
PPC440GX
PPC440GX-3CF533CZ
533MHz
25mm, 552 CBGA
F
0x51B21894
0x52054049
PPC440GX
PPC440GX-3CF533E
533MHz
25mm, 552 CBGA
F
0x51B21894
0x52054049
PPC440GX
PPC440GX-3CF667C
667MHz
25mm, 552 CBGA
F
0x51B21894
0x52054049
PPC440GX
PPC440GX-3CF667CZ
667MHz
25mm, 552 CBGA
F
0x51B21894
0x52054049
PPC440GX
PPC440GX-3CF800C
800MHz
25mm, 552 CBGA
F
0x51B21894
0x52054049
PPC440GX
PPC440GX-3CF800CZ
800MHz
25mm, 552 CBGA
F
0x51B21894
0x52054049
PPC440GX
PPC440GX-3FF533C
533MHz
25mm, 552 PBGA
F
0x51B21894
0x52054049
PPC440GX
PPC440GX-3FF533E
533MHz
25mm, 552 PBGA
F
0x51B21894
0x52054049
PPC440GX
PPC440GX-3FF667C
667MHz
25mm, 552 PBGA
F
0x51B21894
0x52054049
PPC440GX
PPC440GX-3FF667E
667MHz
25mm, 552 PBGA
F
0x51B21894
0x52054049
PPC440GX
PPC440GX-3RF400C
400MHz
25mm, 552 PBGA
F
0x51B21894
0x52054049
PPC440GX
PPC440GX-3RF533C
533MHz
25mm, 552 CBGA
F
0x51B21894
0x52054049
PPC440GX
PPC440GX-3RF533CZ
533MHz
25mm, 552 CBGA
F
0x51B21894
0x52054049
PPC440GX
PPC440GX-3RF533E
533MHz
25mm, 552 CBGA
F
0x51B21894
0x52054049
PPC440GX
PPC440GX-3RF667C
667MHz
25mm, 552 CBGA
F
0x51B21894
0x52054049
PPC440GX
PPC440GX-3RF667CZ
667MHz
25mm, 552 CBGA
F
0x51B21894
0x52054049
PPC440GX
PPC440GX-3RF800C
800MHz
25mm, 552 CBGA
F
0x51B21894
0x52054049
PPC440GX
PPC440GX-3RF800CZ
800MHz
25mm, 552 CBGA
F
0x51B21894
0x52054049



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com