Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1007PXOR Datasheet(PDF) 4 Page - Ashcroft, Inc.

Part # 1007PXOR
Description  1007P and 1001T XOR Refrigeration Pressure Gauges
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

1007PXOR Datasheet(HTML) 4 Page - Ashcroft, Inc.

  1007PXOR Datasheet HTML 1Page - Ashcroft, Inc. 1007PXOR Datasheet HTML 2Page - Ashcroft, Inc. 1007PXOR Datasheet HTML 3Page - Ashcroft, Inc. 1007PXOR Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DIMENSIONS in [ ] are millimeters
For reference only, consult Ashcroft for specific dimensional drawings
B
C
H
D
E
1
/8 NPT
F
G
A
1007P & 1001T
Range Description
Code
1007P
1001T
30 in. Hg/0/120psi
retard to 250psi;
R502/R22/R12
140#-6288
140#-6294
30 in. Hg/0/120psi
retard to 250psi;
R134A
140#-6289
140#-6295
0/400psi; R502/R22/
R12
400#-6290
400#-6296
0/400psi; R134A
400#-6291
400#-6297
30 in. Hg/0/300psi
retard to 500psi;
R410A
300#-6292
300#-6298
0/800psi;R410A
600#-6293
600#-6299
Model - 1007P
Case 1007P
Dial Size
Inches
A
B
C
D
E
F
G
Weight
oz / kg
21⁄2 ˝
2.86
[72.5]
1.14
[29]
2.6
[65.9]
0.9
[23]
0.39
[9.9]
9
⁄16 sq.
[14]
2.18
[55.3]
3.39 oz
0.096 kg
of 4
4
Data Sheet
1007P and 1001T XOR Refrigeration Pressure Gauges
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2020 Ashcroft Inc. 1007P_xor_1001T_xor_gauges_ds_RevD_04-29-20
ashcroft.com
info@ashcroft.com
1.800.328.8258



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com