Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC028N03LF2S Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # ISC028N03LF2S
Description  MOSFET StrongIRFET™ 2 Power‑Transistor, 30 V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISC028N03LF2S Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button ISC028N03LF2S Datasheet HTML 6Page - Infineon Technologies AG ISC028N03LF2S Datasheet HTML 7Page - Infineon Technologies AG ISC028N03LF2S Datasheet HTML 8Page - Infineon Technologies AG ISC028N03LF2S Datasheet HTML 9Page - Infineon Technologies AG ISC028N03LF2S Datasheet HTML 10Page - Infineon Technologies AG ISC028N03LF2S Datasheet HTML 11Page - Infineon Technologies AG ISC028N03LF2S Datasheet HTML 12Page - Infineon Technologies AG ISC028N03LF2S Datasheet HTML 13Page - Infineon Technologies AG ISC028N03LF2S Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
StrongIRFET™ 2 Power‑Transistor, 30 V
ISC028N03LF2S
Public
Datasheet
14
Revision 1.1
https://www.infineon.com
2024‑11‑25
ISC028N03LF2S
Revision 2024‑11‑25, Rev. 1.1
Previous revisions
Revision Date
Subjects (major changes since last revision)
1.0
2024‑10‑19 Release of final
1.1
2024‑11‑25 updated Package outline
 
 
Trademarks
All referenced product or service names and trademarks are the property of their respective owners.
 
We Listen to Your Comments Any information within this document that you feel is wrong, unclear or missing at all? Your feedback will help us to 
continuously improve the quality of this document. Please send your proposal (including a reference to this document) to: 
 
erratum@infineon.com
Published by
Infineon Technologies AG
81726 München, Germany
© 2024 Infineon Technologies AG
All Rights Reserved.
Legal Disclaimer
The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics (“Beschaffenheitsgarantie”) . 
With respect to any examples, hints or any typical values stated herein and/or any information regarding the application of the product, Infineon 
Technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties of non‑infringement of 
intellectual property rights of any third party. 
In addition, any information given in this document is subject to customer’s compliance with its obligations stated in this document and any 
applicable legal requirements, norms and standards concerning customer’s products and any use of the product of Infineon Technologies in 
customer’s applications. 
The data contained in this document is exclusively intended for technically trained staff. It is the responsibility of customer’s technical 
departments to evaluate the suitability of the product for the intended application and the completeness of the product information given in this 
document with respect to such application. 
Information
For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office (www.
infineon.com).
Warnings
Due to technical requirements, components may contain dangerous substances. For information on the types in question, please contact the 
nearest Infineon Technologies Office.
The Infineon Technologies component described in this Data Sheet may be used in life‑support devices or systems and/or automotive, aviation 
and aerospace applications or systems only with the express written approval of Infineon Technologies, if a failure of such components can 
reasonably be expected to cause the failure of that life‑support, automotive, aviation and aerospace device or system or to affect the safety or 
effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body or to support and/or 
maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be 
endangered.
  Revision history



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com