Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYP35A2 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BYP35A2
Description  Silicon-Press-Fit-Diodes - High Temperature Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BYP35A2 Datasheet(HTML) 1 Page - Diotec Semiconductor

  BYP35A2 Datasheet HTML 1Page - Diotec Semiconductor BYP35A2 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BYP35A05 ... BYP35A6, BYP35K05 ... BYP35K6
BYP35A05 ... BYP35A6, BYP35K05 ... BYP35K6
Silicon-Press-Fit-Diodes – High Temperature Diodes
Silizium-Einpress-Dioden – Hochtemperatur-Dioden
Version 2006-04-22
Dimensions - Maße [mm]
Nominal Current
Nennstrom
35 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
50 ... 600 V
Metal press-fit case with plastic cover
Metall-Einpressgehäuse mit Plastik-Abdeckung
Weight approx.
Gewicht ca.
10 g
Compound has classification UL94V-0
Vergussmasse nach UL94V-0 klassifiziert
Standard packaging: bulk
Standard Lieferform: lose im Karton
Maximum ratings
Grenzwerte
Type / Typ
Wire to / Draht an
Anode
Cathode
Repetive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
BYP35A05
BYP35K05
50
60
BYP35A1
BYP35K1
100
120
BYP35A2
BYP35K2
200
240
BYP35A3
BYP35K3
300
360
BYP35A4
BYP35K4
400
480
BYP35A6
BYP35K6
600
700
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TC = 150°C
IFAV
35 A
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
130 A 1)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
360/400 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
660 A2s
Operating junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+215°C
-50...+215°C
1
Max. case temperature TC = 150°C – Max. Gehäusetemperatur TC = 150°C
© Diotec Semiconductor AG
http://www.diotec.com/
1
Ø 12.75
Ø
±0.1
11
1.3
Ø
±01
13


Similar Part No. - BYP35A2

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BYP35A2 DIOTEC-BYP35A2 Datasheet
181Kb / 2P
Silicon Press-Fit-Diodes
logo
Semikron International
BYP35A2 SEMIKRON-BYP35A2 Datasheet
294Kb / 2P
Silicon Press-Fit-Diodes
BYP35A2 SEMIKRON-BYP35A2 Datasheet
298Kb / 2P
Silicon Press-Fit-Diodes
logo
Diotec Semiconductor
BYP35A2 DIOTEC-BYP35A2 Datasheet
157Kb / 2P
Standard Recovery Press-fit Rectifier Diodes
logo
SAMYANG ELECTRONICS CO....
BYP35A2 SAMYANG-BYP35A2 Datasheet
412Kb / 2P
SILICON PRESS-FIT DIODES
More results

Similar Description - BYP35A2

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BYP25A05 DIOTEC-BYP25A05 Datasheet
191Kb / 2P
Silicon Press-Fit-Diodes High-temperature diodes
BYP60A05 DIOTEC-BYP60A05 Datasheet
181Kb / 2P
Silicon Press-Fit-Diodes High-temperature diodes
BYP60A05 DIOTEC-BYP60A05_07 Datasheet
72Kb / 2P
Silicon-Press-Fit-Diodes - High Temperature Diodes
BYP25A05 DIOTEC-BYP25A05 Datasheet
71Kb / 2P
Silicon-Press-Fit-Diodes - High Temperature Diodes
KYZ35A05 DIOTEC-KYZ35A05_07 Datasheet
69Kb / 2P
Silicon-Press-Fit-Diodes - High Temperature Diodes
KYW35A05 DIOTEC-KYW35A05_07 Datasheet
68Kb / 2P
Silicon-Press-Fit-Diodes - High Temperature Diodes
KYW25A05 DIOTEC-KYW25A05_07 Datasheet
68Kb / 2P
Silicon-Press-Fit-Diodes - High Temperature Diodes
logo
Semikron International
BYP25A05 SEMIKRON-BYP25A05_06 Datasheet
299Kb / 2P
Silicon Press-Fit-Diodes
logo
Diotec Semiconductor
BYP25A05 DIOTEC-BYP25A05_14 Datasheet
109Kb / 2P
Silicon-Press-Fit-Diodes ??High Temperature Diodes
BYP35A05 DIOTEC-BYP35A05_14 Datasheet
109Kb / 2P
Silicon-Press-Fit-Diodes ??High Temperature Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com