Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AACT1208FS Datasheet(PDF) 1 Page - Advanced (Shenzhen) Electronics Co.,Ltd

Part # AACT1208FS
Description  AC Thyristor Triac power switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADV [Advanced (Shenzhen) Electronics Co.,Ltd]
Direct Link  http://www.advsemi.com/en/
Logo ADV - Advanced (Shenzhen) Electronics Co.,Ltd

AACT1208FS Datasheet(HTML) 1 Page - Advanced (Shenzhen) Electronics Co.,Ltd

  AACT1208FS Datasheet HTML 1Page - Advanced (Shenzhen) Electronics Co.,Ltd AACT1208FS Datasheet HTML 2Page - Advanced (Shenzhen) Electronics Co.,Ltd AACT1208FS Datasheet HTML 3Page - Advanced (Shenzhen) Electronics Co.,Ltd AACT1208FS Datasheet HTML 4Page - Advanced (Shenzhen) Electronics Co.,Ltd AACT1208FS Datasheet HTML 5Page - Advanced (Shenzhen) Electronics Co.,Ltd AACT1208FS Datasheet HTML 6Page - Advanced (Shenzhen) Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
 
 
AACT1208F/10F
 
1 / 6
www.advsemi.com
Feb,2013 -Rev.3.01
ADV
Symbol
Items
Conditions
Ratings
Unit
VDRM
Repetitive Peak Off-State Voltage
Tj = 25°C
AACT1208F
800
V
VRRM
AACT1210F
1000
V
IT(RMS)
R.M.S On-State Current
TC = 92°C
12
A
ITSM
Surge On-State Current
tp=20ms(50Hz)/tp=16.7ms(60Hz)
120/126
A
I
2t
I
2t for fusing
tp=10ms
78
A
2s
dI/dt
Critical rate of rise of on-state
current
F = 120 Hz Tj = 125°C
IG = 2 x IGT , tr ≤ 100 ns
50
A/μs
IGM
Peak Gate Current
tp = 20 μs Tj = 125°C
4
A
PG(AV)
Average Gate Power Dissipation(Tj=125°C)
0.1
W
PGM
Peak Gate Power Dissipation(tp=20us,Tj=125°C)
5
W
Tj
Operating Junction Temperature
- 40 ~ 125
°C
TSTG
Storage Temperature
- 40 ~ 150
°C
AC Thyristor Triac power switch
General Description
Available either in through-hole or surface-mount packages,
the AACT12 suitable for general purpose AC switching. They
can be used as an ON/OFF function in applications such as
static relays, heating regulation,induction motor starting circuits...
or for phase control operation in light dimmers,motor speed
controllers,...
Features
Repetitive Peak Off
◆
-State Voltage: 800Vand1000V
R.M.S On
◆
-State Current ( IT(RMS)= 12A )
◆
Very high immunity to false turn-on by dV/dt
◆
Triggering in three quadrants only
Pin compatible with standard triacs
◆
Safe clamping capability for low energy over
◆
-voltage transients
◆
These Devices are Pb-Free and are RoHS Compliant
Absolute Maximum Ratings
2.T2
1.T1
3.Gate
TO-220F
1
3
2
Scan the QR code to view the latest product information
ADV


Similar Part No. - AACT1208FS

ManufacturerPart #DatasheetDescription
logo
Advanced (Shenzhen) Ele...
AACT1208 ADV-AACT1208 Datasheet
257Kb / 6P
AC Thyristor Triac power switch
Feb,2013 -Rev.3.02
AACT1208S ADV-AACT1208S Datasheet
257Kb / 6P
AC Thyristor Triac power switch
Feb,2013 -Rev.3.02
More results

Similar Description - AACT1208FS

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
ACTT4S-800E WEEN-ACTT4S-800E Datasheet
272Kb / 13P
AC Thyristor Triac power switch
ACTT4X-800C WEEN-ACTT4X-800C Datasheet
245Kb / 14P
AC Thyristor Triac power switch
ACTT6-800E WEEN-ACTT6-800E Datasheet
210Kb / 14P
AC Thyristor Triac power switch
ACTT8-800C0 WEEN-ACTT8-800C0 Datasheet
202Kb / 13P
AC Thyristor Triac power switch
ACTT8B-800C0 WEEN-ACTT8B-800C0 Datasheet
498Kb / 13P
AC Thyristor Triac power switch
ACTT8X-800C0 WEEN-ACTT8X-800C0 Datasheet
238Kb / 13P
AC Thyristor Triac power switch
ACTT10-800CT WEEN-ACTT10-800CT Datasheet
200Kb / 13P
AC Thyristor Triac power switch
ACTT10X-800CT WEEN-ACTT10X-800CT Datasheet
233Kb / 13P
AC Thyristor Triac power switch
ACTT12-800C WEEN-ACTT12-800C Datasheet
201Kb / 13P
AC Thyristor Triac power switch
ACTT12-800CT WEEN-ACTT12-800CT Datasheet
201Kb / 13P
AC Thyristor Triac power switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com