Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AACT608 Datasheet(PDF) 5 Page - Advanced (Shenzhen) Electronics Co.,Ltd

Part # AACT608
Description  AC Thyristor Triac power switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADV [Advanced (Shenzhen) Electronics Co.,Ltd]
Direct Link  http://www.advsemi.com/en/
Logo ADV - Advanced (Shenzhen) Electronics Co.,Ltd

AACT608 Datasheet(HTML) 5 Page - Advanced (Shenzhen) Electronics Co.,Ltd

  AACT608 Datasheet HTML 1Page - Advanced (Shenzhen) Electronics Co.,Ltd AACT608 Datasheet HTML 2Page - Advanced (Shenzhen) Electronics Co.,Ltd AACT608 Datasheet HTML 3Page - Advanced (Shenzhen) Electronics Co.,Ltd AACT608 Datasheet HTML 4Page - Advanced (Shenzhen) Electronics Co.,Ltd AACT608 Datasheet HTML 5Page - Advanced (Shenzhen) Electronics Co.,Ltd AACT608 Datasheet HTML 6Page - Advanced (Shenzhen) Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AACT608/10
5 / 6
www.advsemi.com
Feb,2013 -Rev.3.02
ADV
PAC KAG E M ECHAN IC AL DATA
TO-220 Package Dim ension
M aking Diagram
O rdering inform ation
Part number
Package
Marking
Packing
Quantity
AACT608#
TO-220
AACT608#
Tube
50pcs
AACT610#
TO-220
AACT610#
Tube
50pcs
Note:# = Gate Trigger Current Sensitivity and type
Sym bol
Dim ensions
In M illim eters
Dim ensions
In Inches
M in
M ax
M in
M ax
A
4.40
4.60
0.173
0.181
B
9.00
9.30
0.354
0.366
C
0.40
0.60
0.015
0.023
c1
2.00
2.60
0.078
0.102
c2
1.23
1.32
0.048
0.051
D
0.70
1.00
0.027
0.039
E
10.00
10.40
0.393
0.409
g
2.40
2.70
0.094
0.106
G
6.20
6.80
0.244
0.267
I
2.65
2.95
0.104
0.116
L
15.80
16.80
0.622
0.661
L1
3.75
0.147
L2
1.14
1.70
0.044
0.066
L3
1.14
1.70
0.044
0.066
Ф
3.60
3.90
0.141
0.153
K
2.60TYP
0.102TYP
E
L2
g
c2
A
c1
C
D
L3
K
φ
ADV
AACT610S
XXXX
XXXH
XX
ADV:Logo
X:Internal control code
H:Halogen Free
ADV:Logo
AACT610S:Part number
X:Internal control code
H:Halogen Free
A
AC T
6
08
# S
ADVANCED
Package explain: Blank=TO220
S = 10mA
Blank =35mA
Sensitivity and type
Voltage: 08 = 800V 10=1000V
T=Triac
Current:6 = 6A
AC Switches



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com