Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AACT608GS Datasheet(PDF) 5 Page - Advanced (Shenzhen) Electronics Co.,Ltd

Part # AACT608GS
Description  AC Thyristor Triac power switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADV [Advanced (Shenzhen) Electronics Co.,Ltd]
Direct Link  http://www.advsemi.com/en/
Logo ADV - Advanced (Shenzhen) Electronics Co.,Ltd

AACT608GS Datasheet(HTML) 5 Page - Advanced (Shenzhen) Electronics Co.,Ltd

  AACT608GS Datasheet HTML 1Page - Advanced (Shenzhen) Electronics Co.,Ltd AACT608GS Datasheet HTML 2Page - Advanced (Shenzhen) Electronics Co.,Ltd AACT608GS Datasheet HTML 3Page - Advanced (Shenzhen) Electronics Co.,Ltd AACT608GS Datasheet HTML 4Page - Advanced (Shenzhen) Electronics Co.,Ltd AACT608GS Datasheet HTML 5Page - Advanced (Shenzhen) Electronics Co.,Ltd AACT608GS Datasheet HTML 6Page - Advanced (Shenzhen) Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AACT608G/10G
5 / 6
www.advsemi.com
Feb,2013 -Rev.3.02
ADV
PAC KAG E M ECHAN IC AL DATA
TO-263-2 Package Dim ension
M aking Diagram
O rdering inform ation
Part number
Package
Marking
Packing
Quantity
AACT608G#
TO-263-2
AACT608G#
Tube
50pcs
Embossed tape
800pcs
AACT610G#
TO-263-2
AACT610G#
Tube
50pcs
Embossed tape
800pcs
Note:# = Gate Trigger Current Sensitivity and type
Sym b
ol
Dim ensions
In M illim eters
Dim ensions
In Inches
M in
M ax
M in
M ax
A
4.400
4.700
0.173
0.185
A1
0.000
0.250
0.000
0.010
B
1.300
1.600
0.051
0.063
b
0.710
0.910
0.028
0.036
b1
1.170
1.400
0.046
0.055
c
0.310
0.550
0.012
0.022
c1
1.170
1.370
0.046
0.054
D
9.900
10.200
0.390
0.402
E
8.600
9.500
0.338
0.374
e
2.540 TYP
0.100 TYP
L
14.700
15.800
0.579
0.622
L1
4.730
5.390
0.186
0.212
L2
2.500
3.300
0.098
0.130
L3
1.750
0.069
c1
A
A1
c
D
b1
b
e
A
AC T
6
08
# S
ADVANCED
Package explain: G=TO-263-2
S = 10mA
Blank =35mA
Sensitivity and type
Voltage: 08 = 800V 10=1000V
T=Triac
Current:6 = 6A
AC Switches
ADV
AACT608GS
XXXX
XXXH
XX
ADV:Logo
AACT608GS:Part number
X:Internal control code
H:Halogen Free



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com