Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARF360 Datasheet(PDF) 2 Page - Power Semiconductors

Part # ARF360
Description  FAST RECOVERY DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

ARF360 Datasheet(HTML) 2 Page - Power Semiconductors

  ARF360 Datasheet HTML 1Page - Power Semiconductors ARF360 Datasheet HTML 2Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ARF360 FAST RECOVERY DIODE
FINAL SPECIFICATION mar 03 - ISSUE : 4
Distributed by
FORWARD CHARACTERISTIC
Tj = 125 °C
0
100
200
300
400
500
600
700
800
900
1000
1357
Forward Voltage [V]
TRANSIENT THERMAL IMPEDANCE
DOUBLE SIDE COOLED
0.0
10.0
20.0
30.0
40.0
50.0
60.0
0.001
0.01
0.1
1
10
100
t[s]
SURGE CHARACTERISTIC
Tj = 125 °C
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
1
10
100
n° cycles
All the characteristics given in this data sheet are guaranteed only with uniform
clamping force, cleaned and lubricated heatsink, surfaces with flatness < .03 mm and
roughness < 2 µm.
In the interest of product improvement POSEICO SPA reserves the right to change
any data given in this data sheet at any time without previous notice.
If not stated otherwise the maximum value of ratings (simbols over shaded
background) and characteristics is reported.
POSEICO SPA
POwer SEmiconductors Italian COrporation
POSEICO



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com