Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS30D Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # CS30D
Description  Schottky-Bridge-Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

CS30D Datasheet(HTML) 1 Page - Diotec Semiconductor

  CS30D Datasheet HTML 1Page - Diotec Semiconductor CS30D Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CS10D ... CS50D
CS10D ... CS50D
Schottky-Bridge-Rectifiers
Schottky-Brückengleichrichter
Version 2007-07-06
Dimensions - Maße [mm]
Nominal current
Nennstrom
1 A
Alternating input voltage
Eingangswechselspannung
10...50 V
Plastic case DIL
Kunststoffgehäuse DIL
8.3 x 6.4 x 3.1
[mm]
Weight approx. – Gewicht ca.
0.4 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging: plastic tubes
Standard Lieferform: Plastik-Schienen
Recognized Product – Underwriters Laboratories Inc.® File E175067
Anerkanntes Produkt – Underwriters Laboratories Inc.® Nr. E175067
Maximum ratings and characteristics
Grenz- und Kennwerte
Type
Typ
Max. alternating input voltage
Max. Eingangswechselspannung
VVRMS [V]
Repetitive peak reverse voltage
Period. Spitzensperrspannung
VRRM [V]
Forward voltage
Durchlass-Spannung
VF [V] 1,2)
CS10D
10
20
< 0.50
CS20D
20
40
< 0.50
CS30D
30
60
< 0.70
CS40D
40
80
< 0.79
CS50D
50
100
< 0.79
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
10 A 3)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
40/44 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
8 A2s
Operating junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
1
IF = 1 A, Tj = 25°C
2
Valid for one branch − Gültig für einen Brückenzweig
3
Max. temperature of the terminals TT = 100°C – Max. Temperatur der Anschlüsse TT = 100°C
© Diotec Semiconductor AG
http://www.diotec.com/
1
8.6
±0.4
7.5
0.5
1.3
5.1
~
~
+
Type
Typ
8.4
±0.2


Similar Part No. - CS30D

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
CS30D DIOTEC-CS30D Datasheet
142Kb / 2P
Schottky-Bridge Rectifiers
logo
Semikron International
CS30D SEMIKRON-CS30D Datasheet
194Kb / 2P
Bridge rectifiers
CS30D SEMIKRON-CS30D Datasheet
198Kb / 2P
Bridge rectifiers
More results

Similar Description - CS30D

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
CS10D DIOTEC-CS10D Datasheet
142Kb / 2P
Schottky-Bridge Rectifiers
logo
Taiwan Semiconductor Co...
SBS34 TSC-SBS34 Datasheet
232Kb / 3P
Schottky Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
EBSS210 SECOS-EBSS210 Datasheet
184Kb / 2P
Schottky Barrier Bridge Rectifiers
logo
Galaxy Semi-Conductor H...
MBFH22S BILIN-MBFH22S Datasheet
451Kb / 4P
Schottky Bridge Rectifiers
MBFH25S BILIN-MBFH25S Datasheet
389Kb / 4P
Schottky Bridge Rectifiers
Rev.B
MBFH32S BILIN-MBFH32S Datasheet
452Kb / 4P
Schottky Bridge Rectifiers
Rev.B
MBFH35S BILIN-MBFH35S Datasheet
389Kb / 4P
Schottky Bridge Rectifiers
Rev.B
TDFH55S BILIN-TDFH55S Datasheet
450Kb / 4P
Schottky Bridge Rectifiers
Rev.B
MBF38S BILIN-MBF38S Datasheet
452Kb / 4P
Schottky Bridge Rectifiers
Rev.B
logo
SAMYANG ELECTRONICS CO....
ABSB22S SAMYANG-ABSB22S Datasheet
1Mb / 3P
Schottky Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com