Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS30S Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # CS30S
Description  Surface Mount Schottky-Bridge-Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

CS30S Datasheet(HTML) 1 Page - Diotec Semiconductor

  CS30S Datasheet HTML 1Page - Diotec Semiconductor CS30S Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CS10S ... CS50S
CS10S ... CS50S
Surface Mount Schottky-Bridge-Rectifiers
Schottky-Brückengleichrichter für die Oberflächenmontage
Version 2006-10-24
Dimensions - Maße [mm]
Nominal current
Nennstrom
1 A
Alternating input voltage
Eingangswechselspannung
10...50 V
Plastic case SO-DIL
Kunststoffgehäuse SO-DIL
8.3 x 6.4 x 3.1
[mm]
Weight approx. – Gewicht ca.
0.4 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Recognized Product – Underwriters Laboratories Inc.® File E175067
Anerkanntes Produkt – Underwriters Laboratories Inc.® Nr. E175067
Maximum ratings and characteristics
Grenz- und Kennwerte
Type
Typ
Max. alternating input voltage
Max. Eingangswechselspannung
VVRMS [V]
Repetitive peak reverse voltage
Period. Spitzensperrspannung
VRRM [V]
Forward voltage
Durchlass-Spannung
VF [V] 1,2)
CS10S
10
20
< 0.50
CS20S
20
40
< 0.50
CS30S
30
60
< 0.70
CS40S
40
80
< 0.79
CS50S
50
100
< 0.79
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
10 A 3)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
40/44 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t8 A2s
Operating junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
1IF = 1 A, Tj = 25°C
2
Valid for one branch − Gültig für einen Brückenzweig
3
Max. temperature of the terminals TT = 100°C – Max. Temperatur der Anschlüsse TT = 100°C
© Diotec Semiconductor AG
http://www.diotec.com/
1
10.2
±0.4
7.9±0.4
~
~
+
1.3
8.3
-0.1
5.1
Type
Typ


Similar Part No. - CS30S

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
CS30S DIOTEC-CS30S Datasheet
143Kb / 2P
Surface Mount Schottky-Bridge Rectifiers
logo
Semikron International
CS30S SEMIKRON-CS30S Datasheet
200Kb / 2P
Bridge rectifiers
CS30S SEMIKRON-CS30S Datasheet
204Kb / 2P
Bridge rectifiers
logo
Diotec Semiconductor
CS30S DIOTEC-CS30S Datasheet
135Kb / 2P
?쏶lim??Profile Surface Mount Schottky-Bridge-Rectifiers
CS30S DIOTEC-CS30S Datasheet
135Kb / 2P
Profile Surface Mount Schottky-Bridge-Rectifiers
More results

Similar Description - CS30S

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
CS10S DIOTEC-CS10S Datasheet
143Kb / 2P
Surface Mount Schottky-Bridge Rectifiers
logo
Bruckewell Technology L...
MB22S BWTECH-MB22S Datasheet
346Kb / 4P
Surface Mount Schottky Bridge Rectifiers
MB12S BWTECH-MB12S_15 Datasheet
443Kb / 4P
Surface Mount Schottky Bridge Rectifiers
logo
Guangdong Juxing Electr...
KMB12J JUXING-KMB12J Datasheet
755Kb / 3P
Surface Mount Schottky Bridge Rectifiers
logo
Dongguan Pingjingsemi T...
MB14F-PJ PJSEMI-MB14F-PJ Datasheet
253Kb / 3P
SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIERS
TB14F-PJ PJSEMI-TB14F-PJ Datasheet
453Kb / 3P
SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
KMB12F JUXING-KMB12F_V01 Datasheet
1Mb / 2P
Surface Mount Schottky Bridge Rectifiers
KMB12J JUXING-KMB12J_V01 Datasheet
957Kb / 3P
Surface Mount Schottky Bridge Rectifiers
KMB22F JUXING-KMB22F_V01 Datasheet
951Kb / 2P
Surface Mount Schottky Bridge Rectifiers
logo
Shanghai Leiditech Elec...
KMB12F-S LEIDITECH-KMB12F-S Datasheet
706Kb / 3P
Surface Mount Schottky Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com