Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARF463 Datasheet(PDF) 2 Page - Power Semiconductors

Part # ARF463
Description  FAST RECOVERY DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

ARF463 Datasheet(HTML) 2 Page - Power Semiconductors

  ARF463 Datasheet HTML 1Page - Power Semiconductors ARF463 Datasheet HTML 2Page - Power Semiconductors ARF463 Datasheet HTML 3Page - Power Semiconductors ARF463 Datasheet HTML 4Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ARF463 FAST RECOVERY DIODE
FINAL SPECIFICATION
apr 97 - ISSUE : 04
DISSIPATION CHARACTERISTICS
SQUARE WAVE
DC
SINE WAVE
DC
DC
180°
120°
90°
60°
30°
0
500
1000
1500
2000
2500
3000
0
200
400
600
800
1000
Mean Forward Current [A]
ANSALDO
180°
120°
90°
60°
30°
0
500
1000
1500
2000
2500
3000
0
200
400
600
800
1000
Mean Forward Current [A]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com