Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARF648 Datasheet(PDF) 4 Page - Power Semiconductors

Part # ARF648
Description  FAST RECOVERY DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

ARF648 Datasheet(HTML) 4 Page - Power Semiconductors

  ARF648 Datasheet HTML 1Page - Power Semiconductors ARF648 Datasheet HTML 2Page - Power Semiconductors ARF648 Datasheet HTML 3Page - Power Semiconductors ARF648 Datasheet HTML 4Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ARF648 FAST RECOVERY DIODE
FINAL SPECIFICATION
feb 00 - ISSUE : 01
SWITCHING CHARACTERISTICS
ANSALDO
REVERSE RECOVERY CHARGE
Tj=150°C
0
200
400
600
800
1000
1200
1400
0
100
200
300
400
di/dt [A/µs]
500 A
1000 A
2000 A
REVERSE RECOVERY CURRENT
Tj=150°C
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
750
800
0
100
200
300
400
di/dt [A/µs]
500 A
1000A
2000
A
FORWARD RECOVERY VOLTAGE
0
5
10
15
20
25
30
0
200
400
600
800
1000
1200
di/dt [A/µs]
Tj = 150 °C
Tj = 25 °C
IF
VFR
VF
ta
ta = Irr / (di/dt)
tb = trr - ta
Softness (s factor) s = tb / ta
Energy dissipation during recovery Er = Vr
(Qrr - Irr
ta /
2 )
Irr
Vr
tb
IF
d i/d t



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com