Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7635FO Datasheet(PDF) 4 Page - LSI Computer Systems

Part # LS7635FO
Description  TOUCH CONTROL HALOGEN LAMP DIMMER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7635FO Datasheet(HTML) 4 Page - LSI Computer Systems

  LS7635FO Datasheet HTML 1Page - LSI Computer Systems LS7635FO Datasheet HTML 2Page - LSI Computer Systems LS7635FO Datasheet HTML 3Page - LSI Computer Systems LS7635FO Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FIGURE 4. LS7635 TRIG, Ø vs TOUCH (SENS OR EXT)
EXTENSIONS: All switching and dimming functions can be
implemented by utilizing the EXT input. Use a pushbutton or
the electronic switch in conjunction with a Touch Plate as
shown in Figure 6. When the plate is touched, a logic high
level is generated at the EXT input of the IC for both half-
cycles of the line frequency. (See Figure 5)
APPLICATION EXAMPLE:
A typical implementation of the light dimmer circuit is shown in Fig. 5.
Here the brightness of the lamp is set by touching the touch plate.
The function of different components are as follows:
• The 5V DC supply for the chip is provided by Z, D1, R1, C2 and C4.
• R2 and C3 generate the filtered signal for the SYNC input
AC phase synchronization.
• R3 and C5 act as a filter circuit for the electronic extension.
If extensions are not used, the EXT input (Pin 6) should be
tied to Vss (Pin 7).
• R4, R5 and R6 set up the sensitivity of the SENS input.
• R8 provides current limiting and isolation between the chip
output and the triac gate.
• C1 and L are RFI filter circuits.
C1 = 0.15µF, 200V
C1 = 0.15µF, 400V
C2 = 0.22µF, 200V
C2 = 0.15µF, 400V
C3 = 0.002µF, 10V
*Component change for 220VAC
**Snubber Network (See Note 5)
C4 = 100µF, 10V
C5 = 0.1µF, 10V
R1 = 270
Ω, 1/2W
R1 = 1k
Ω, 1W
R2 = 680k
Ω, 1/4W
R2 = 1.5M
Ω, 1/4W
R3 = 1.5M
Ω, 1/4W
R4 = 1M
Ω to 5MΩ, 1/4W
(Select for Sensitivity)
R5, R6 = 2.7M
Ω, 1/4W
R5, R6 = 4.7M
Ω, 1/4W
R7 = 150k
Ω, 1/4W
R8 = 62
Ω, 1/4W
D1 = 1N4148
Z = 5.6V, 1W (Zener)
T = Q4004L4 Typical Triac (1)
T = Q5003L4 Typical Triac (1)
L = 100µH (RFI Filter)
L = 200µH (RFI Filter)
(1) For loads greater than 6A,
use an alternistor
.
*
*
*
*
*
*
*
EXT
10k
Ω
IN914
TOUCH PLATE
*R
200k
Ω
MPS8599
FIGURE 6.
ELECTRONIC EXTENSION
*R
P
*R = 2M
Ω for 115VAC
*R = 3.6M
Ω for 220VAC
All Resistors 1/4W
150º
100º
50º
OFF
150º
100º
50º
OFF
150º
100º
50º
OFF
Ø
MODE Ø
Ø
MODE 1
Ø
MODE 2
TS1
TS2
342ms
SHORT
SHORT
SLOPE = SS
SLOPE = SAA
SLOPE = SBA
LONG
LONG
LONG
LONG
A2
A0
A0
A1
B1
B2
A2
A2
B2
B1
A1
A2
B2
B1
A1
A0
A0
A0
A0
A2
A2
MEMORY
A2
MEMORY
SHORT
SHORT
REVERSE
REVERSE
SENS
LONG
B2
B2
B2
B2
7634/7635-090606-4
P
115VAC
OR
220VAC
N
LAMP
C1
T
L
C2
R1
R2
R8
R3
C4
D1
8
7
6
5
R4
C3
TRIG
V SS
EXT
SENS
V DD
MODE
SYNC
+
LS7634 / LS7635
R6
R5
FIGURE 5. A Typical Halogen Lamp Dimmer Wall Switch
G
MT2
MT1
Z
-
ELECTRONIC
EXTENSION
(FIG. 7)
EXTN
P
C5
SEE NOTE 3
SEE NOTE 2
R7
NOTES
1. All circuits connected by broken lines are optional.
2. C5 is used only with electronic extension
and R7 is used only with mechanical switch.
3. Connection between Pin 6 & Pin 7 should
be broken when EXT is used.
4. Magnetic transformer should have thermal protection.
5. Some electronic transformers may require larger
values of C2, sensitive gate triacs and snubber
networks. C2 values may have to be adjusted to be as
high as 0.47uF for 115VAC and 0.33uF for 220VAC.
The sensitive gate triacs are chosen for their low
holding current. Typical triacs are L4004L6 and L6004L6
for 115VAC and 220VAC applications, respectively.
**C6-R9 is the snubber network: C6 = 0.1uF, 200V,
R9 = 1k Ohm, 1/2W (115VAC); C6 = 0.05uF, 400V,
R9 = 1k Ohm, 1W (220VAC)
TOUCH
PLATE
SEE
NOTE 4
TEST
1
2
3
4
**R9
**C6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com