Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC2592 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STLC2592
Description  Bluetooth V2.1(a) EDR and RDS FM radio combo solution
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2592 Datasheet(HTML) 3 Page - STMicroelectronics

  STLC2592 Datasheet HTML 1Page - STMicroelectronics STLC2592 Datasheet HTML 2Page - STMicroelectronics STLC2592 Datasheet HTML 3Page - STMicroelectronics STLC2592 Datasheet HTML 4Page - STMicroelectronics STLC2592 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
STLC2592
3/5
Figure 1.
STLC2592 architecture
Bluetooth parameters Typ. Unit
Table 1.
Technical specifications
Parameter
Typ.
Unit
Bluetooth parameters
Complete power-down
1
µA
Deep sleep
20
µA
Audio communication (HV3, slave, sniff 1.28s/2 attempts/0 time-outs)
10.6
mA
Audio communication (eSCO, 3-EV3, 64 kbps symmetrical TSCO=18, master)
6.5
mA
Data communication (3-DH5, master or slave, 1306.9 kbps)
35.4
mA
Data rate throughput at host interface in EDR mode
2.178
Mbps
FM radio parameters
Sensitivity
2.5
µV EMF
RDS sensitivity
15
µV EMF
Adjacent channel sensitivity (+/-200 kHz)
50
dB
Audio S/N
63
dB
Supply current
17.6
mA
Power-down current
4
µA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com