Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB4 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # DB4
Description  Bidirectional Si-Trigger-Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

DB4 Datasheet(HTML) 1 Page - Diotec Semiconductor

  DB4 Datasheet HTML 1Page - Diotec Semiconductor DB4 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DB3 ... DB4
DB3 ... DB4
Bidirectional Si-Trigger-Diodes (DIAC)
Bidirektionale Si-Triggerdioden (DIAC)
Version 2006-04-27
Dimensions - Maße [mm]
Breakover voltage
Durchbruchspannung
28 ... 45 V
Peak pulse current
Max. Triggerimpuls
± 2 A
Glass case
Glas-Gehäuse
DO-35
SOD-27
Weight approx.
Gewicht ca.
0.13 g
Standard packaging taped in ammo pack
Standard Lieferform gegurtet in Ammo-Pack
Maximum ratings
Grenzwerte
Power dissipation
Verlustleistung
TA = 50°C
Ptot
150 mW 1)
Peak pulse current (120 Hz pulse repetition rate)
Max. Triggerstrom (120 Hz Puls-Wiederholrate)
tp ≤ 10 µs
IPM
± 2 A 1)
Operating Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+100°C
-50...+175°C
Characteristics
Kennwerte
Breakover voltage
Durchbruchspannung
dV/dt = 10 V/µs
DB3
DB4
VBO
VBO
28 ... 36 V
35 ... 45 V
Breakover current – Durchbruchstrom
V = 98% VBO
IBO
< 200 µA
Asymmetry of breakover voltage
Unsymmetrie der Durchbruchspannung
|V(BO)F – V(BO)R|
ΔVBO
< 3.8 V
Foldback voltage – Spannungs-Rücksprung
ΔI = IBO to/auf IF = 10 mA
dV/dt = 10 V/µs
ΔVF/R
> 5 V
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 300 K/W 1)
1
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlussdrähte in 10 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
© Diotec Semiconductor AG
http://www.diotec.com/
1
Ø 1.9
Ø 0.52


Similar Part No. - DB4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DB4 STMICROELECTRONICS-DB4 Datasheet
43Kb / 4P
TRIGGER DIODES
Apr-1995
logo
Shanghai Lunsure Electr...
DB4 CHENYI-DB4 Datasheet
108Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Dc Components
DB4 DCCOM-DB4 Datasheet
167Kb / 2P
TECHNICAL SPECIFICATIONS OF BIDIRECTIONAL DIODE THYRISTORS (DIACS)
logo
Diotec Semiconductor
DB4 DIOTEC-DB4 Datasheet
251Kb / 2P
Bidirectional Si-Trigger-Diodes (DIAC)
logo
STMicroelectronics
DB4 STMICROELECTRONICS-DB4 Datasheet
59Kb / 5P
DIAC
Oct-2001
More results

Similar Description - DB4

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
DB3 DIOTEC-DB3 Datasheet
251Kb / 2P
Bidirectional Si-Trigger-Diodes (DIAC)
BR100-03LLD DIOTEC-BR100-03LLD Datasheet
96Kb / 2P
Surface Mount Bidirectional Si-Trigger-Diodes
BR100-03 DIOTEC-BR100-03 Datasheet
90Kb / 2P
Bidirectional Si-Trigger-Diodes
BR10003LLD DIOTEC-BR10003LLD Datasheet
98Kb / 2P
Surface Mount Bidirectional Si-Trigger-Diodes (DIAC)
BR10003LLD DIOTEC-BR10003LLD_13 Datasheet
98Kb / 2P
Surface Mount Bidirectional Si-Trigger-Diodes (DIAC)
logo
DONGGUAN YOU FENG WEI E...
DB3W YFWDIODE-DB3W Datasheet
89Kb / 3P
Silicon Bidirectional Trigger Diodes
logo
Nanjing International G...
DB3 DGNJDZ-DB3 Datasheet
161Kb / 2P
Silicon Bidirectional Trigger Diodes
logo
DONGGUAN YOU FENG WEI E...
SOD123FL-DB-DB3W YFWDIODE-SOD123FL-DB-DB3W Datasheet
380Kb / 3P
Silicon Bidirectional Trigger Diodes
logo
DIOTEC Electronics Corp...
BR1003DO41 DEC-BR1003DO41 Datasheet
243Kb / 2P
Bidirectional Si-Trigger-Diodes (DIAC)
logo
DONGGUAN YOU FENG WEI E...
DB3T-SOD123 YFWDIODE-DB3T-SOD123 Datasheet
522Kb / 3P
Silicon Bidirectional Trigger Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com