Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT93C76 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT93C76
Description  8K-Bit Microwire Serial EEPROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C76 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT93C76 Datasheet HTML 1Page - Catalyst Semiconductor CAT93C76 Datasheet HTML 2Page - Catalyst Semiconductor CAT93C76 Datasheet HTML 3Page - Catalyst Semiconductor CAT93C76 Datasheet HTML 4Page - Catalyst Semiconductor CAT93C76 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C76 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C76 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C76 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C76 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CAT93C76 (Rev. A)
© Catalyst Semiconductor, Inc.
5
Doc. No. MD-1090 Rev. B
Characteristics subject to change without notice
Figure 1. Sychronous Data Timing
Figure 2. Read Instruction Timing
Figure 3. Write Instruction Timing
SK
DI
CS
DO
tDIS
tPD0,tPD1
tCSMIN
tCSS
tDIS
tDIH
tSKHI
tCSH
VALID
VALID
DATA VALID
tSKLOW
SK
CS
DI
DO
HIGH-Z
11
0
AN AN-1
A0
Dummy 0
D15 . . . D0
or
D7 . . . D0
Address + 1
D15 . . . D0
or
D7 . . . D0
Address + 2
D15 . . . D0
or
D7 . . . D0
Address + n
D15 . . .
or
D7 . . .
Don't Care
SK
CS
DI
DO
tCSMIN
STANDBY
HIGH-Z
HIGH-Z
101
AN AN-1
A0
DN
D0
BUSY
READY
STATUS
VERIFY
tSV
tHZ
tEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com