Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT102 Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT102
Description  Precision, Adjustable Shunt Regulator (600mV Reference)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT102 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT102 Datasheet HTML 1Page - Catalyst Semiconductor CAT102 Datasheet HTML 2Page - Catalyst Semiconductor CAT102 Datasheet HTML 3Page - Catalyst Semiconductor CAT102 Datasheet HTML 4Page - Catalyst Semiconductor CAT102 Datasheet HTML 5Page - Catalyst Semiconductor CAT102 Datasheet HTML 6Page - Catalyst Semiconductor CAT102 Datasheet HTML 7Page - Catalyst Semiconductor CAT102 Datasheet HTML 8Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CAT102
Doc. No. MD-4007 Rev. N
2
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS
(1)
Parameters
Ratings
Units
VIN Voltage
20
V
OUT Voltage
20
V
FB Voltage
20
V
VIN, OUT, FB Current
50
mA
Operating Junction Temperature (10s)
150
ºC
Lead Soldering Temperature (10s)
260
ºC
Storage Temperature Range
-65 to +150
ºC
ELECTRICAL CHARACTERISTICS
Electrical characteristics are guaranteed over the full operating temperature range of -40°C to +85°C with a
junction temperature from -40°C to +105°C unless otherwise specified. Ambient temperature must be de-rated
based upon power dissipation and package thermal characteristics.
1 Unless otherwise stated, test conditions are
VIN = 3V, FB = OUT, IOUT = 1mA.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN
Supply Voltage Range
2.2
18
V
IIN
Quiescent Supply Current
VOUT =1V
90
500
µA
TJ = 25˚ C
594
600
606
VFB
FB Threshold Reference Voltage
-40ºC < TJ < 105ºC
592
608
mV
Line Regulation
VIN = 2.2V to VIN =18V
0.5
1
mV
Load Regulation
IOUT = 1mA to 10mA
3
8
mV
TCREF
Reference Temperature Deviation
-40ºC < TJ < 105ºC
35
50
ppm/ºC
IFB
FB Input Current
-500
500
nA
PSRR
Reference Power Supply Rejection
Frequency = 300kHz
35
65
dB
AV
Error Amplifier Open Loop Gain
IOUT = 2mA, VOUT = 1V
60
80
dB
BW
Unity Gain Frequency
IOUT = 2mA, VOUT = 1V
1
2
MHz
VOUT
Output Saturation voltage
IOUT = 20mA, VFB = HIGH
130
250
mV
TRANSC Output Transconductance
IOUT = 1mA to 20mA
2.5
mA/mV
ILEAK
Output Leakage Current
VOUT = 16V, VFB = 0
20
400
nA
IOUT(MAX)
Maximum Output Current
VOUT = 0.3V
20
mA
Notes:
(1) These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for prolongued time periods
may affect device reliability. All voltages are with respect to ground.
(2) Thermal Characteristics (ΘJA) of TSOT-23 5-lead: 255°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com