Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT853 Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT853
Description  3-Pin Microprocessor Power Supply Supervisors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT853 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT853 Datasheet HTML 1Page - Catalyst Semiconductor CAT853 Datasheet HTML 2Page - Catalyst Semiconductor CAT853 Datasheet HTML 3Page - Catalyst Semiconductor CAT853 Datasheet HTML 4Page - Catalyst Semiconductor CAT853 Datasheet HTML 5Page - Catalyst Semiconductor CAT853 Datasheet HTML 6Page - Catalyst Semiconductor CAT853 Datasheet HTML 7Page - Catalyst Semiconductor CAT853 Datasheet HTML 8Page - Catalyst Semiconductor CAT853 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CAT853, CAT863, CAT859, CAT869
2
Doc. No. 3026, Rev. B
© 2007 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS(1)
Any pin with respect to ground
-0.3V to +6.0V
Input Current, VCC
20mA
Output Current, RESET
20mA
Rate of Rise, VCC
100V/μs
Continuous Power Dissipation
Derate 4mW/ºC above 70ºC (SOT23)
320 mW
Operating Temperature Range
-40ºC to +85ºC
Storage Temperature Range
-65ºC to +105ºC
Lead Soldering Temperature (10 sec)
300ºC
Note:
(1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this specification
is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
ELECTRICAL CHARACTERISTICS
VCC = Full range, TA = -40ºC to +85ºC unless otherwise noted. Typical values at TA = +25ºC and VCC = 3.3V for the
T/S versions, VCC = 5V for the M version.
Parameter
Symbol
Conditions
Min
Typ(1)
Max
Units
VCC Range
TA = 0ºC to +70ºC
1.0
5.5
V
TA = -40ºC to +85ºC
1.2
5.5
Supply Current
ICC
TA = -40ºC to +85ºC
VCC < 3.6V, S/T
6
15
μA
Reset
Threshold
Voltage
VTH
T Threshold
TA = +25ºC
3.04
3.08
3.11
V
TA = -40ºC to +85ºC
3.00
3.15
S Threshold
TA = +25ºC
2.89
2.93
2.96
TA = -40ºC to +85ºC
2.85
3.00
M Threshold
TA = +25ºC
4.31
4.38
4.45
TA = -40ºC to +85ºC
4.25
4.50
Reset
Threshold
Tempco
30
ppm/ºC
VCC to Reset
Delay
VCC = VTH to (VTH - 100 mV)
20
μs
Reset Active
Timeout Period
TA = -40ºC to +85ºC
140
240
460
ms
RESET Output
Voltage Low
VOL
VCC = VTH min, ISINK = 1.2mA
0.4
V
VCC > 1.0V, ISINK = 50μA
0.3
RESET Output
Voltage High
VOH
VCC = VTH max, ISOURCE = -500μA
(for CAT859/869 only)
0.8 VCC
V
Note:
(1) Production testing done at TA = +25ºC; limits over temperature guaranteed by design only.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com