Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9945KCPRL Datasheet(PDF) 12 Page - Analog Devices

Part # AD9945KCPRL
Description  Complete 12-Bit 40 MHz CCD Signal Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9945KCPRL Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9945KCPRL Datasheet HTML 8Page - Analog Devices AD9945KCPRL Datasheet HTML 9Page - Analog Devices AD9945KCPRL Datasheet HTML 10Page - Analog Devices AD9945KCPRL Datasheet HTML 11Page - Analog Devices AD9945KCPRL Datasheet HTML 12Page - Analog Devices AD9945KCPRL Datasheet HTML 13Page - Analog Devices AD9945KCPRL Datasheet HTML 14Page - Analog Devices AD9945KCPRL Datasheet HTML 15Page - Analog Devices AD9945KCPRL Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
REV. A
–12–
AD9945
APPLICATIONS INFORMATION
The AD9945 is a complete analog front end (AFE) product for
digital still camera and camcorder applications. As shown in
Figure 10, the CCD image (pixel) data is buffered and sent to the
AD9945 analog input through a series input capacitor. The
AD9945 performs the dc restoration, CDS, gain adjustment, black
level correction, and analog-to-digital conversion. The AD9945’s
digital output data is then processed by the image processing
ASIC. The internal registers of the AD9945—used to control
gain, offset level, and other functions—are programmed by the
ASIC or microprocessor through a 3-wire serial digital interface.
A system timing generator provides the clock signals for both the
CCD and the AFE.
CCD
CCDIN
BUFFER
VOUT
AD9945
ADCOUT
REGISTER-
DATA
SERIAL
INTERFACE
DIGITAL
OUTPUTS
DIGITAL IMAGE
PROCESSING
ASIC
TIMING
GENERATOR
V-DRIVE
CCD
TIMING
CDS/CLAMP
TIMING
0.1 F
Figure 10. System Applications Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com