Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT1007 Datasheet(PDF) 1 Page - Power Semiconductors

Part # AT1007
Description  PHASE CONTROL THYRISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

AT1007 Datasheet(HTML) 1 Page - Power Semiconductors

  AT1007 Datasheet HTML 1Page - Power Semiconductors AT1007 Datasheet HTML 2Page - Power Semiconductors AT1007 Datasheet HTML 3Page - Power Semiconductors AT1007 Datasheet HTML 4Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PHASE CONTROL THYRISTOR
AT1007
Repetitive voltage up to
2400 V
Mean on-state current
1270 A
Surge current
19 kA
FINAL SPECIFICATION
feb 97 - ISSUE : 06
Symbol
Characteristic
Conditions
Tj
[°C]
Value
Unit
BLOCKING
V RRM
Repetitive peak reverse voltage
125
2400
V
V RSM
Non-repetitive peak reverse voltage
125
2500
V
V DRM
Repetitive peak off-state voltage
125
2400
V
I RRM
Repetitive peak reverse current
V=VRRM
125
50
mA
I DRM
Repetitive peak off-state current
V=VDRM
125
50
mA
CONDUCTING
I T (AV)
Mean on-state current
180° sin, 50 Hz, Th=55°C, double side cooled
1270
A
I T (AV)
Mean on-state current
180° sin, 50 Hz, Tc=85°C, double side cooled
1035
A
I TSM
Surge on-state current
sine wave, 10 ms
125
19
kA
I² t
I² t
without reverse voltage
1805 x1E3
A²s
V T
On-state voltage
On-state current =
2900 A
25
2
V
V T(TO)
Threshold voltage
125
1.15
V
r T
On-state slope resistance
125
0.308
mohm
SWITCHING
di/dt
Critical rate of rise of on-state current, min.
From 75% VDRM up to 1350 A, gate 10V 5ohm
125
200
A/µs
dv/dt
Critical rate of rise of off-state voltage, min.
Linear ramp up to 70% of VDRM
125
500
V/µs
td
Gate controlled delay time, typical
VD=100V, gate source 25V, 10 ohm , tr=.5 µs
25
1.3
µs
tq
Circuit commutated turn-off time, typical
dV/dt = 20 V/µs linear up to 75% VDRM
320
µs
Q rr
Reverse recovery charge
di/dt=-20 A/µs, I= 880 A
125
µC
I rr
Peak reverse recovery current
VR= 50 V
A
I H
Holding current, typical
VD=5V, gate open circuit
25
300
mA
I L
Latching current, typical
VD=5V, tp=30µs
25
700
mA
GATE
V GT
Gate trigger voltage
VD=5V
25
3.5
V
I GT
Gate trigger current
VD=5V
25
300
mA
V GD
Non-trigger gate voltage, min.
VD=VDRM
125
0.25
V
V FGM
Peak gate voltage (forward)
30
V
I FGM
Peak gate current
10
A
V RGM
Peak gate voltage (reverse)
5
V
P GM
Peak gate power dissipation
Pulse width 100 µs
150
W
P G
Average gate power dissipation
2
W
MOUNTING
R th(j-h)
Thermal impedance, DC
Junction to heatsink, double side cooled
26
°C/kW
R th(c-h)
Thermal impedance
Case to heatsink, double side cooled
6
°C/kW
T j
Operating junction temperature
-30 / 125
°C
F
Mounting force
18.0 / 20.0
kN
Mass
500
g
ORDERING INFORMATION : AT1007 S 24
standard specification
VDRM&VRRM/100
Via N. Lorenzi 8 - I 16152 GENOVA - ITALY
Tel. int. +39/(0)10 6556549 - (0)10 6556488
Fax Int. +39/(0)10 6442510
Tx 270318 ANSUSE I -
ANSALDO
Ansaldo Trasporti s.p.a.
Unita' Semiconduttori


Similar Part No. - AT1007

ManufacturerPart #DatasheetDescription
logo
Clarke International
AT100 CLARKE-AT100 Datasheet
837Kb / 8P
PRESSURE REGULATOR
GC0509
logo
Power Semiconductors
AT1003 POSEICO-AT1003 Datasheet
44Kb / 4P
PHASE CONTROL THYRISTOR
AT1003S16 POSEICO-AT1003S16 Datasheet
44Kb / 4P
PHASE CONTROL THYRISTOR
AT1004 POSEICO-AT1004 Datasheet
170Kb / 4P
PHASE CONTROL THYRISTOR
AT1004S16 POSEICO-AT1004S16 Datasheet
170Kb / 4P
PHASE CONTROL THYRISTOR
More results

Similar Description - AT1007

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMT-25 SEMPO-SMT-25 Datasheet
49Kb / 1P
Phase Control Thyristor
SMT-100 SEMPO-SMT-100 Datasheet
38Kb / 1P
Phase Control Thyristor
SMTC3-3500 SEMPO-SMTC3-3500 Datasheet
61Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-3000 SEMPO-SMTC2-3000 Datasheet
61Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-1800F SEMPO-SMTC2-1800F Datasheet
59Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-1500 SEMPO-SMTC2-1500 Datasheet
59Kb / 1P
PHASE CONTROL THYRISTOR
SMT-200 SEMPO-SMT-200 Datasheet
38Kb / 1P
Phase Control Thyristor
SMT-300 SEMPO-SMT-300 Datasheet
40Kb / 1P
Phase Control Thyristor
SMTC1-800 SEMPO-SMTC1-800 Datasheet
56Kb / 1P
Phase Control Thyristor
SMTC2-600 SEMPO-SMTC2-600 Datasheet
56Kb / 1P
Phase Control Thyristor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com