Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM3Z2V4 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # MM3Z2V4
Description  Surface mount Silicon Planar Zener Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MM3Z2V4 Datasheet(HTML) 2 Page - Diotec Semiconductor

  MM3Z2V4 Datasheet HTML 1Page - Diotec Semiconductor MM3Z2V4 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MM3Z2V4 ... MM3Z47 (200 mW)
Maximum ratings
Grenzwerte
Type
Typ
Code
Zener voltage 1)
Zener-Spanng. 1)
IZ = 5 mA
Dynamic resistance
Inhär. diff. Widerstand
rzj [Ω] at f = 1 kHz
Temp. Coeffiz.
of Z-voltage
…der Z-spanng.
Reverse voltage
Sperrspannung
VR at/bei IR
Z-current 2)
Z-Strom 2)
TA = 50°C
MM3Z...
Vzmin [V] Vzmax [V] IZ = 5 mA IZ = 1 mA
αVZ [10-4/°C]
VR [V]
IR [µA]
IZmax [mA]
...C2V4
00
2.2
2.6
< 85
< 600
-8...-5
1.0
20
77
...C2V7
01
2.5
2.9
< 85
< 600
-8...-5
1.0
20
69
...C3V0
02
2.8
3.2
< 85
< 600
-8...-5
1.0
10
63
...C3V3
05
3.1
3.5
< 85
< 600
-8...-5
1.0
5
57
...C3V6
06
3.4
3.8
< 85
< 600
-8...-5
1.0
5
53
...C3V9
07
3.7
4.1
< 85
< 600
-8...-5
1.0
3
49
...C4V3
08
4.0
4.6
< 80
< 600
-7...-4
1.0
3
43
...C4V7
09
4.4
5.0
< 80
< 500
-5...-2
2.0
3
40
...C5V1
0A
4.8
5.4
< 60
< 480
-2...+2
2.0
2
37
...C5V6
0C
5.2
6.0
< 40
< 400
-1...+4
2.0
1
33
...C6V2
0E
5.8
6.6
< 10
< 150
+2...+5
4.0
3
30
...C6V8
0F
6.4
7.2
< 15
< 80
+3...+6
4.0
2
28
...C7V5
0G
7.0
7.9
< 15
< 80
+3...+6
5.0
1
25
...C8V2
0H
7.7
8.7
< 15
< 80
+4...+7
5.0
0.7
23
...C9V1
0K
8.5
9.6
< 15
< 100
+4...+7
6.0
0.5
21
...C10V
0L
9.4
10.6
< 20
< 150
+5...+8
7.0
0.2
19
...C11V
0M
10.4
11.6
< 20
< 150
+5...+8
8.0
0.1
17
...C12V
0N
11.4
12.7
< 25
< 150
+5...+8
8.0
0.1
16
...C13V
0P
12.4
14.1
< 30
< 170
+6...+9
8.0
0.1
14
...C15V
0T
13.8
15.6
< 30
< 200
+6...+9
10.5
0.05
13
...C16V
0U
15.3
17.1
< 40
< 200
+6...+9
11.2
0.05
12
...C18V
0W
16.8
19.1
< 45
< 225
+6...+9
12.6
0.05
10
...C20V
0Z
18.8
21.2
< 55
< 225
+6...+9
14.0
0.05
9
...C22V
10
20.8
23.3
< 55
< 250
+7...+10
15.4
0.05
9
...C24V
11
22.8
25.6
< 70
< 250
+7...+10
16.8
0.05
8
IZ =
2 mA
2 mA
2 mA
0.5 mA
...C27V
12
25.1
28.9
< 80
< 300
+7...+10
18.9
0.05
7
...C30V
14
28
32
< 80
< 300
+7...+10
21.0
0.05
6
...C33V
18
31
35
< 80
< 325
+7...+10
23.2
0.05
6
...C36V
19
34
38
< 90
< 350
+7...+10
25.2
0.05
5
...C39V
20
37
41
< 130
< 350
+7...+10
27.3
0.05
5
...C43V
21
40
46
< 150
< 375
+7...+10
30.1
0.05
4
...C47V
1A
44
50
< 170
< 375
+7...+10
32.9
0.05
4
1
Tested with pulses tp = 5 ms – Gemessen mit Impulsen tp = 5 ms
2
Mounted on P.C. board with 3 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com